データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E5GN-R2HTD

  • AI
    The **E5GN-R2HTD** is a high-performance digital temperature controller manufactured by **Omron**. It belongs to the E5GN series, which is characterized by its extremely compact 1/32 DIN size (48 x 24 mm). --- ### ## Technical Specifications Breakdown The alphanumeric suffix `R2HTD` provides specific details regarding the electronic configuration and capabilities of the unit: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | E5GN | 1/32 DIN Compact Digital Controller (48x24mm) | | **Control Output** | **R** (Relay) | SPST-NO, 250 VAC, 2 A (resistive load) | | **Auxiliary Outputs** | **2** | Two independent alarm/event relay outputs | | **Heater Burnout** | **H** | Includes Heater Burnout Detection (HB) | | **Input Type** | **T** | Multi-input (Thermocouple or Pt100 RTD) | | **Power Supply** | **D** | 24 VAC / VDC | --- ### ### Key Electronic Components & Functions #### 1. Input Section (Sensor Interface) The "T" designation indicates a universal input circuit. The device uses high-precision A/D converters to process signals from: * **Thermocouples:** K, J, T, E, L, U, N, R, S, B, W, or PL II. * **RTDs:** Pt100 or JPt100. * **Cold Junction Compensation:** Internal sensors compensate for ambient temperature variations at the terminal block. #### 2. Control Output (The "R" Part) This model utilizes a **Relay Output**. * **Mechanism:** An internal electromagnetic relay. * **Best Use:** Best for driving contactors or small resistive loads. * **Limitation:** Because it is mechanical, it has a finite life cycle (approx. 100,000 operations) and is not suitable for high-speed PWM control (PID with very short cycle times). #### 3. Heater Burnout Detection (The "H" Part) This electronic feature requires an external **Current Transformer (CT)**. * The controller monitors the current flowing to the heater. * If the heater fails (open circuit) or the SSR shorts, the controller detects the drop/rise in current and triggers an alarm via the auxiliary outputs. #### 4. Power Supply (The "D" Part) Unlike standard AC models (100-240V), this unit is designed for low-voltage environments: * **Operating Voltage:** 24 VAC (50/60 Hz) or 24 VDC. * **Isolation:** Electronic isolation between power supply, input, and output circuits to prevent electrical noise interference. --- ### ### Control Logic Features The E5GN-R2HTD utilizes **2-PID control** (Two-Degree-of-Freedom PID). This electronic algorithm allows the controller to: 1. Minimize overshoot when reaching the setpoint. 2. Provide rapid recovery from external thermal disturbances. 3. Support **Auto-tuning**, where the controller calculates the optimal Proportional, Integral, and Derivative constants automatically by pulsing the load. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring pinouts for the 24V power supply on the E5GN-R2HTD?
    • ⤷ How do I configure the Heater Burnout (HB) alarm settings?
    • ⤷ Can this model be converted to an SSR output instead of a Relay output?