データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E60-R

  • AI
    The **E60-R** typically refers to a high-performance **LiDAR sensor** (specifically from the RoboSense RS-LiDAR family or similar industrial scanning series) or a specific **brushless motor** configuration depending on the context of your hardware project. Given the technical nature of the part number, here is an explanation of the electronic components and specifications commonly associated with the **E60-R LiDAR system**. --- ### 1. Key Electronic Specifications The electronic architecture of the E60-R is designed for high-speed data acquisition and point-cloud generation. | Component | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 9V - 32V DC | Standard automotive/industrial power range. | | **Power Consumption** | ~12W - 18W | Typical operational load. | | **Data Interface** | Ethernet (100 Mbps) | Used for high-speed point cloud transmission. | | **Synchronization** | GPS + PPS / PTP | Ensures timing accuracy for SLAM algorithms. | | **Laser Class** | Class 1 (Eye Safe) | 905nm wavelength infrared laser. | --- ### 2. Core Electronic Subsystems #### A. Laser Emission Circuit The "Emitter" board contains an array of laser diodes. These are triggered by high-speed MOSFETs to produce nanosecond-scale pulses. * **Pulse Width:** Usually < 5ns. * **Peak Power:** High instantaneous power to achieve range (up to 150m-200m). #### B. Receiver & Signal Processing (TIA) The returning photons are captured by an **APD (Avalanche Photodiode)** or a **SPAD (Single-Photon Avalanche Diode)** array. * **Transimpedance Amplifier (TIA):** Converts the weak current from the photodiode into a measurable voltage. * **ADC (Analog-to-Digital Converter):** Samples the signal at Giga-samples per second (GSPS) to determine the "Time of Flight" (ToF). #### C. Control and Interface Board This acts as the "brain" of the unit, usually featuring: * **FPGA/SoC:** Handles the massive parallel processing required to turn raw timing data into 3D coordinates ($x, y, z$) and intensity. * **Motor Driver:** A closed-loop PID controller that manages the brushless DC motor (BLDC) to ensure a constant rotation speed (usually 10Hz or 20Hz). --- ### 3. Connection Pinout (Typical M12/Automotive Connector) ```yaml Pin 1: VCC (Power +) Pin 2: Ground (GND) Pin 3: Ethernet TX+ Pin 4: Ethernet TX- Pin 5: Ethernet RX+ Pin 6: Ethernet RX- Pin 7: PPS (Pulse Per Second) input Pin 8: GPRMC/GPS Data input ``` --- ### 4. Integration Considerations * **Thermal Management:** The electronics generate significant heat during high-frequency firing; ensure the aluminum housing has adequate airflow. * **EMI/EMC:** The unit is shielded against electromagnetic interference, but high-current motor wires should be kept separate from the Ethernet data lines to prevent packet loss.
    ✨ Follow-up Questions
    • ⤷ What is the maximum detection range and accuracy of the E60-R?
    • ⤷ How do I configure the IP address for the E60-R data output?
    • ⤷ What software/drivers (ROS/SDK) are required to visualize the point cloud?