データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EB412R28

  • AI
    The **EB412R28** typically refers to a high-capacity, rechargeable lithium-ion battery pack or a specialized power module often used in industrial equipment, robotic systems, or specific telecommunications hardware. Below is a breakdown of its electronic components and technical characteristics. --- ### 1. Core Technical Specifications The model number usually dictates the cell configuration and voltage output. | Feature | Specification (Typical) | | :--- | :--- | | **Chemistry** | Lithium-Ion (Li-ion) or LiFePO4 | | **Nominal Voltage** | 25.2V - 28.8V (Depending on cell series) | | **Capacity** | Varies by sub-model (often ~12Ah to 28Ah) | | **Configuration** | 7S (7 Series) or 8S (8 Series) | | **Application** | UPS systems, Electric Scooters, Medical carts | --- ### 2. Internal Electronic Components A professional-grade battery unit like the EB412R28 consists of several critical electronic sub-systems: #### A. Battery Management System (BMS) This is the "brain" of the unit. It is a PCB (Printed Circuit Board) that performs the following functions: * **Over-Voltage Protection (OVP):** Prevents the cells from overcharging. * **Under-Voltage Protection (UVP):** Shuts off the output before the battery reaches a critically low state. * **Cell Balancing:** Ensures each individual cell in the series string has the same voltage level to extend lifespan. * **Short Circuit Protection:** A fast-acting electronic fuse. #### B. Thermal Sensors (NTC Thermistors) Internal resistors that change resistance based on temperature. The BMS monitors these to shut down the system if the battery overheats during high-current discharge or charging. #### C. Power MOSFETs High-power transistors located on the BMS. They act as the electronic switches that connect or disconnect the battery from the load/charger based on safety parameters. #### D. The Cells High-energy density cylindrical cells (often 18650 or 21700 form factors). These are connected via pure nickel strips to handle high current flow with minimal resistance. --- ### 3. Connection and Interface Most EB412 series modules utilize a specific pinout for communication: 1. **Positive/Negative Terminals:** Heavy-duty lugs or multi-pin connectors for power delivery. 2. **Communication Lines (Optional):** Some variants include SMBus, I2C, or RS485 pins to report state-of-charge (SoC) and "State of Health" (SoH) to the host device. --- ### 4. Safety Considerations ```cpp // Logic flow for the internal Protection Circuit if (Cell_Voltage > 4.25V) { Trigger_Overcharge_Cutoff(); } if (Internal_Temp > 65C) { Thermal_Shutdown(); } if (Current_Draw > Max_Rated_Amps) { Short_Circuit_Trip(); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage and Amp-hour rating for the EB412R28 variant?
    • ⤷ Is this battery compatible with standard Li-ion chargers or does it require a proprietary unit?
    • ⤷ How do I troubleshoot a 'zero-voltage' reading on the output terminals?