データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EB412R49

  • AI
    ## Overview of the EB412R49 The **EB412R49** is a specific electronic component typically identified as a **High-Frequency (HF) Crystal Oscillator** or a **Resonator** used primarily in radio frequency (RF) remote control systems. It is most commonly found in gate openers, garage door remotes, and automotive security fobs. --- ### 1. Technical Specifications Below are the general characteristics associated with this specific part number: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | SAW Resonator (Surface Acoustic Wave) | | **Nominal Frequency** | 412.49 MHz | | **Package Type** | TO-39 (Metal Can) or SMD | | **Tolerance** | ±75 kHz to ±150 kHz | | **Insertion Loss** | 1.5 - 2.5 dB | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Internal Electronic Parts A SAW resonator like the EB412R49 is not a complex circuit but rather a precision-engineered physical component. Its operation relies on these elements: * **Piezoelectric Substrate:** Usually made of Quartz or Lithium Tantalate. This material converts electrical energy into mechanical (acoustic) waves and back again. * **Interdigital Transducers (IDT):** These are microscopic, finger-like metal electrodes deposited on the substrate. They determine the specific frequency (412.49 MHz) based on their spacing. * **Hermetic Seal:** The metal housing (often a TO-39 can) is filled with nitrogen or vacuum-sealed to prevent moisture from affecting the vibration frequency. --- ### 3. Application in Circuits In a typical remote control circuit, the EB412R49 acts as the "heartbeat" for the transmitter. #### Circuit Role: 1. **Frequency Stabilization:** It ensures the remote transmits exactly at 412.49 MHz so the receiver can "hear" it. 2. **Oscillator Circuit:** It is usually paired with a bipolar transistor (like a BFR92 or 2SC3356) and a few capacitors/inductors to create a Colpitts or Pierce oscillator. ```mermaid graph LR A[Battery] --> B[Encoder IC] B --> C[Oscillator w/ EB412R49] C --> D[Antenna] style C fill:#f9f,stroke:#333,stroke-width:2px ``` --- ### 4. Identification and Troubleshooting If you are repairing a device containing this part, look for these common issues: * **Frequency Drift:** Over time or due to physical shock (dropping the remote), the crystal may shift frequency, causing the receiver to stop responding. * **Physical Damage:** Dents in the metal "top hat" of the TO-39 package can kill the internal vibrations. * **Cold Solder Joints:** Because these components are often subject to vibration, the three pins may crack away from the PCB.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a SAW resonator and a standard quartz crystal?
    • ⤷ How can I test if an EB412R49 is still functioning using an oscilloscope?
    • ⤷ Are there compatible alternatives if I cannot find the exact EB412R49 part?