データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EB412R65

  • AI
    Based on your query, the **EB412R65** refers to a high-power, industrial-grade **Insulated Gate Bipolar Transistor (IGBT) Module** commonly used in traction, heavy-duty motor drives, and renewable energy systems. --- ## 1. Technical Specifications This module is designed for high-current and high-voltage applications. Below are the typical parameters for this specific series: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Voltage Rating ($V_{CES}$)** | Collector-Emitter Voltage | 6500V (6.5kV) | | **Current Rating ($I_{C}$)** | Continuous Collector Current | 400A - 1200A (varies by sub-model) | | **Configuration** | Internal Circuitry | Single Switch / Chopper | | **Technology** | Silicon Structure | Trench / Field Stop IGBT | | **Package Type** | Housing Style | Standard Industrial Module (High Isolation) | --- ## 2. Key Electronic Components Inside The EB412R65 is not a single transistor, but a complex module consisting of several integrated parts: ### A. IGBT Die (The Switch) The core component is the Insulated Gate Bipolar Transistor. It combines the simple gate drive characteristics of a MOSFET with the high-current/low-saturation-voltage capability of a bipolar transistor. ### B. Free-Wheeling Diode (FWD) Integrated antiparallel to the IGBT. This diode protects the IGBT from "kickback" or inductive voltage spikes when the load is switched off. In 6.5kV modules, these diodes are specially engineered for soft-recovery to reduce EMI. ### C. Isolation Substrate (DBC) Direct Bonded Copper (DBC) provides high electrical insulation (up to 10.2kV AC) between the internal circuitry and the baseplate while maintaining high thermal conductivity to dissipate heat. ### D. NTC Thermistor Most R65 series modules include an internal temperature sensor (Negative Temperature Coefficient) to monitor the junction temperature and prevent thermal runaway. --- ## 3. Applications Due to its high voltage rating (6500V), this part is typically found in: * **Railway Traction:** Powering the electric motors in trains and locomotives. * **HVDC Transmission:** High-voltage direct current power grids. * **Medium Voltage Drives:** Industrial pumps and fans operating at 3.3kV or 4.16kV. * **Renewable Energy:** Grid-tie inverters for large-scale wind or solar farms. --- ## 4. Usage Precautions 1. **Gate Driving:** Requires a specialized gate driver capable of providing sufficient peak current and isolation for 6.5kV levels. 2. **Cooling:** Must be mounted on a high-performance liquid-cooled or forced-air heatsink with thermal interface material (TIM). 3. **Safety:** Working with 6.5kV modules requires strict adherence to creepage and clearance distance standards to prevent arcing.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the EB412R65 from other manufacturers like Infineon or Mitsubishi?
    • ⤷ Can you explain the pinout configuration for this specific module?
    • ⤷ What is the recommended gate voltage range for driving this IGBT?