データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EBS-06-R

  • AI
    The **EBS-06-R** is a specific electronic component typically identified as a **tactile switch** (often associated with the EBS series of push-button switches). These are fundamental electromechanical parts used to close an electrical circuit when physical pressure is applied. --- ### 1. Technical Specifications Below are the typical electronic characteristics for a switch of this series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile / Momentary Push Button | | **Contact Rating** | 50mA @ 12V DC (Typical) | | **Insulation Resistance** | 100MΩ min. at 100V DC | | **Dielectric Strength** | 250V AC for 1 minute | | **Contact Resistance** | 100mΩ max. | | **Operating Force** | 160gf to 260gf (varies by model) | | **Travel Distance** | 0.25mm ± 0.1mm | --- ### 2. Key Electronic Components & Construction The "R" suffix often denotes specific packaging or orientation (such as **Right Angle** or **Tape & Reel** packaging). * **Contacts:** Usually made of silver-plated copper alloy to ensure high conductivity and minimize oxidation. * **Actuator:** The physical button (often plastic) that the user presses. * **Dome Spring:** A stainless steel or phosphor bronze "snap dome" that provides tactile feedback and establishes the electrical connection. * **Terminal Leads:** Designed for either Through-Hole (THT) or Surface Mount (SMD) integration into a PCB. --- ### 3. Circuit Configuration Most EBS-06 series switches utilize a **SPST-NO** (Single Pole Single Throw - Normally Open) configuration. ```mermaid graph LR A[Input Terminal] --- B{Switch} B --- C[Output Terminal] style B fill:#f9f,stroke:#333,stroke-width:2px ``` * **Normally Open:** The circuit is broken (off) by default. * **Momentary:** The circuit remains closed (on) only as long as the button is being held down. --- ### 4. Common Applications * **Consumer Electronics:** Reset buttons, volume keys, and power toggles. * **Industrial:** Interface panels and limit switches. * **Embedded Systems:** User input for Arduino/ESP32 development boards.
    ✨ Follow-up Questions
    • ⤷ What is the footprint dimensions for the EBS-06-R on a PCB?
    • ⤷ Does the 'R' in EBS-06-R refer to Right-Angle mounting or RoHS compliance?
    • ⤷ How many cycles is the mechanical life expectancy for this switch?