データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EC1008A-R10

  • AI
    ## Overview of the EC1008A-R10 The **EC1008A-R10** is a Surface Mount Device (SMD) power inductor, commonly used in high-frequency power supply circuits. These components are designed to store energy in a magnetic field and are critical for DC-DC conversion and noise filtering. --- ### Technical Specifications The "1008" in the part number typically refers to the physical package size in inches (0.10 x 0.08 inches). Below are the typical technical parameters associated with this part: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.10 µH (R10) | The "R10" indicates the value is 0.10 microhenries. | | **Case Size** | 1008 (2520 Metric) | 2.5mm x 2.0mm physical footprint. | | **Tolerance** | ±10% or ±20% | The allowable deviation from the nominal inductance. | | **Rated Current** | 300mA - 1.2A | The maximum DC current the part can handle before saturation. | | **DC Resistance (DCR)** | Low (mΩ range) | The internal resistance of the copper winding. | | **Type** | Wire-wound / Ferrite Core | Constructed with wire wrapped around a ceramic or ferrite core. | --- ### Key Internal Components 1. **Core Material:** Usually made of **Ferrite** or **Ceramic**. Ferrite cores provide higher inductance and efficiency at lower frequencies, while ceramic cores are used for high-frequency RF applications. 2. **Winding:** A high-purity copper wire coated with an insulating film (magnet wire) wound around the core. 3. **Terminations:** The end caps are typically plated with **Tin (Sn)** over **Nickel (Ni)** to ensure excellent solderability on a PCB. 4. **Encapsulation:** Often coated with an epoxy resin to protect the delicate wire windings from environmental moisture and physical damage. --- ### Common Applications * **DC-DC Converters:** Used in "Buck" or "Boost" converters to smooth out current ripples. * **EMI Filtering:** Acts as a low-pass filter to block high-frequency noise in communication lines. * **Mobile Electronics:** Found in smartphones, tablets, and wearables due to its small 1008 footprint. * **RF Tuning:** Used in impedance matching circuits for wireless transmitters/receivers. --- ### Identifying the Part Number The suffix **R10** is a standard electronic marking: * **R** represents the decimal point. * **10** represents the value. * Result: **0.10 µH**.
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the EC1008A-R10?
    • ⤷ How does the R10 value compare to a 1R0 inductor?
    • ⤷ What are the recommended soldering temperature profiles for this SMD part?