データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EC1210A-R12

  • AI
    The **EC1210A-R12** is a specific type of **SMD (Surface Mount Device) Power Inductor**, widely used in compact electronic circuits for power management and filtering. --- ### 1. General Specifications The part number typically follows a standard convention for SMD inductors. Below is a breakdown of the technical characteristics: | Parameter | Typical Specification | Notes | | :--- | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | Non-shielded or Semi-shielded | | **Package Size** | 1210 (Imperial) / 3225 (Metric) | 3.2mm x 2.5mm footprint | | **Inductance Value** | 0.12 µH (R12) | "R" represents the decimal point | | **Tolerance** | ±10% or ±20% | Varies by manufacturer (often 'K' or 'M') | | **Material** | Ferrite Core | Provides high permeability | | **Mounting Type** | Surface Mount (SMT) | Automated PCB assembly | --- ### 2. Key Features * **High Current Handling:** Designed to carry significant DC current without saturating the magnetic core. * **Low DC Resistance (DCR):** Minimizes power loss and heat generation during operation. * **Frequency Range:** Optimized for high-frequency switching environments (DC-DC converters). * **Durability:** Usually features excellent solderability and resistance to soldering heat. --- ### 3. Applications The EC1210A-R12 is commonly found in the following electronic modules: 1. **DC-DC Converters:** Used as energy storage elements in buck or boost regulators. 2. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. 3. **Portable Electronics:** Smartphones, tablets, and wearable devices where PCB space is limited. 4. **Signal Decoupling:** Isolating different stages of a circuit to prevent interference. --- ### 4. Technical Equivalent & Identification When sourcing this part, the code **"R12"** is the most critical identifier for the inductance value: * `1R0` = 1.0 µH * `R12` = 0.12 µH * `120` = 12 µH > **Note:** Always verify the **Saturation Current (Isat)** and **Temperature Rise Current (Irms)** from the manufacturer's datasheet (e.g., Bourns, Murata, or TDK equivalents) to ensure it meets your circuit's specific power requirements.
    ✨ Follow-up Questions
    • ⤷What is the difference between a shielded and non-shielded EC1210 inductor?
    • ⤷ How do I calculate the maximum current for an R12 inductor?
    • ⤷ Which manufacturers produce equivalents for the EC1210A-R12?