データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EC1210A-R18

  • AI
    ### EC1210A-R18: Technical Overview The **EC1210A-R18** typically refers to a high-frequency **Surface Mount Device (SMD) Power Inductor** (often categorized under the EC1210 series). This specific component is widely used in power management and RF filtering circuits due to its compact size and efficiency. --- ### 1. Specifications Table | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 0.18 µH (indicated by "R18") | | **Package Size** | 1210 (Metric: 3225) | | **Dimensions** | 3.2mm x 2.5mm x 2.5mm (approx.) | | **Tolerance** | Usually ±10% (K) or ±20% (M) | | **Material** | Wire-wound Ferrite or Ceramic Core | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Characteristics * **R18 Coding:** In electronic component nomenclature, "R" acts as a decimal point. Therefore, **R18** translates to **0.18 µH**. * **High Self-Resonant Frequency (SRF):** Due to the low inductance value, this part is optimized for high-frequency operation, maintaining stable performance in the MHz range. * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation, making it suitable for portable battery-powered devices. * **Magnetic Shielding:** Depending on the specific manufacturer variant, these are often shielded to reduce Electromagnetic Interference (EMI) with neighboring components. --- ### 3. Applications 1. **Voltage Regulator Modules (VRM):** Used in DC-DC converters for point-of-load regulation. 2. **RF Circuits:** Acting as a choke or filter in telecommunications equipment and wireless modules. 3. **Signal Conditioning:** Filtering high-frequency noise from power lines in consumer electronics (smartphones, tablets). 4. **Automotive Electronics:** Used in infotainment systems and sensor power decoupling. --- ### 4. Typical Footprint (Dimensions) ```text 3.2mm <-----------> +-----------+ ^ | | | 2.5mm | R18 | | | | v +-----------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the EC1210A-R18?
    • ⤷ How does the '1210' package size compare to '0805' in terms of power handling?
    • ⤷ Can this inductor be used in high-temperature automotive applications?