データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EC1210A-R39

  • AI
    The **EC1210A-R39** is a high-performance, surface-mount (SMD) wire-wound power inductor. It is commonly utilized in power management circuits where high current capability and low resistance are critical. --- ### 1. Key Technical Specifications The part number "R39" typically indicates the inductance value in microhenries ($\mu H$). | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.39 $\mu H$ | | **Tolerance** | $\pm 20\%$ (Standard) | | **Package Size** | 1210 (Metric: 3225) | | **Current Rating** | High (Typically 1.5A - 2.5A depending on manufacturer) | | **DCR (DC Resistance)** | Very Low (Approx. 0.05Ω - 0.15Ω) | | **Construction** | Wire-wound on a ceramic or ferrite core | --- ### 2. Physical Characteristics * **Dimensions:** The "1210" code refers to the footprint size, which is approximately **3.2mm x 2.5mm**. * **Encapsulation:** Usually molded or coated with epoxy to protect the wire windings from environmental factors and mechanical stress. * **Terminations:** Features solderable end-caps for high-reliability surface mounting. --- ### 3. Functional Roles in Electronics The EC1210A-R39 serves three primary functions in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the switching cycle to maintain a steady output voltage. 2. **Noise Filtering:** Acting as a low-pass filter, it blocks high-frequency AC noise while allowing DC to pass, making it ideal for power supply lines. 3. **Impedance Matching:** Used in RF sections to ensure maximum power transfer between stages. --- ### 4. Common Applications * **Mobile Devices:** Smartphones and tablets for power management units (PMUs). * **Computing:** Localized power regulation on motherboards and GPUs. * **Telecommunications:** Filtering in base station equipment. * **Consumer Electronics:** Power stages for LED drivers and digital cameras. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the EC1210A-R39?
    • ⤷ How does the self-resonant frequency (SRF) affect this inductor's performance?
    • ⤷ Can this inductor be used in high-temperature automotive applications?