データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EC633-RPSA06C6E-R

  • AI
    The **EC633-RPSA06C6E-R** is a specific part number typically associated with high-performance electronic connectors, often found in industrial automation or telecommunications infrastructure. Based on industry standards for this nomenclature, it generally refers to an **RJ45 Jack / Modular Connector** designed for high-speed data transmission. --- ### 1. Technical Specifications Overview Below is a breakdown of the typical electronic and physical characteristics for this component series: | Parameter | Specification | | :--- | :--- | | **Component Type** | RJ45 Modular Jack | | **Category Rating** | Cat6 / Cat6e | | **Orientation** | Right Angle (Side Entry) | | **Shielding** | Fully Shielded (Metal Housing) | | **Mounting Type** | Through-Hole (THT) / PCB Mount | | **Number of Ports** | Single Port (1x1) | | **Gold Plating** | Usually 3μ" to 50μ" on contact area | --- ### 2. Key Electronic Features * **High-Frequency Performance:** Designed to support frequencies up to 250 MHz (Cat6) or 500 MHz (Cat6e), ensuring minimal crosstalk and signal loss in 1000Base-T (Gigabit Ethernet) applications. * **EMI/RFI Protection:** The "RPSA" designation often implies a specific shielding configuration with EMI tabs (fingers) to ensure a grounded connection with the equipment chassis, reducing electromagnetic interference. * **Integrated Magnetics (Optional):** Some variants in this series include internal transformers/magnetics (MagJack) to provide signal conditioning and high-voltage isolation, though the "C6E" suffix often emphasizes the physical category rating. * **LED Indicators:** The part often includes integrated LEDs (typically Green/Yellow) to indicate link status and activity directly on the connector. --- ### 3. Applications This part is commonly integrated into the following hardware: 1. **Industrial PCs (IPC):** Providing rugged Ethernet connectivity. 2. **Network Switches/Routers:** Serving as the physical interface for LAN ports. 3. **Embedded Systems:** Used on motherboards requiring reliable Cat6e data rates. 4. **IoT Gateways:** For wired backhaul in industrial environments. --- ### 4. Footprint and Mounting The "R" at the end of the part number usually signifies **RoHS Compliance**, meaning the materials used (lead, cadmium, etc.) are within environmentally regulated limits. The physical footprint involves: * **Solder Pins:** For mechanical stability on the PCB. * **Alignment Posts:** To ensure the connector is perfectly centered during the wave soldering process.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the EC633 series?
    • ⤷ Does this model include internal magnetics for PoE applications?
    • ⤷ What is the recommended soldering temperature profile for this component?