データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EFL2012-R56

  • AI
    The **EFL2012-R56** is a surface-mount electronic component, specifically a **Fixed Inductor** (often referred to as a chip inductor). These components are designed for high-frequency circuits and power management in compact electronic devices. --- ### 1. Technical Specifications The part number itself follows a standard naming convention that reveals its physical size and electrical value. | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (SMD) | | **Inductance** | 0.56 µH (Microhenries) | | **Case Size (Imperial)** | 0805 | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Tolerance** | Usually ±20% (Standard for this series) | | **Construction** | Wire-wound or Multilayer | --- ### 2. Breakdown of the Part Number To understand similar components, it is helpful to decode the nomenclature: * **EFL**: The series designation (typically indicating a high-frequency or power-efficient series). * **2012**: The dimensions in millimeters. **2.0mm length** and **1.25mm width**. This is equivalent to the **0805** imperial size. * **R56**: The inductance value. The "R" acts as a decimal point. Therefore, `R56 = 0.56 µH`. --- ### 3. Key Electronic Characteristics When using the EFL2012-R56 in a circuit, engineers focus on these three critical behaviors: 1. **DC Resistance (DCR):** Because it uses conductive coils, it has a small internal resistance. Lower DCR is preferred to prevent energy loss as heat. 2. **Self-Resonant Frequency (SRF):** This is the frequency at which the inductor stops acting like an inductor and starts acting like a capacitor. For R56 values, this is typically in the high MHz range. 3. **Saturation Current ($I_{sat}$):** The maximum current the part can handle before its inductance drops significantly. --- ### 4. Common Applications Due to its small 2012 footprint and 0.56 µH value, this part is commonly found in: * **DC-DC Converters:** Used in voltage regulation for smartphones and tablets. * **RF Matching:** Tuning circuits for wireless communication (Wi-Fi, Bluetooth). * **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. --- ### 5. Footprint Diagram (Approximate) ```text 2.0 mm <-----------> +-----------+ ^ | [ Terminal] | | 1.25 mm +-----------+ v ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the EFL2012-R56?
    • ⤷ How does 0.56 µH compare to other common inductor values in DC-DC converters?
    • ⤷ Are there alternative sizes available for the EFL series?