データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EM14C1A-R25-R032S

  • AI
    The **EM14C1A-R25-R032S** is a high-quality rotary optical encoder manufactured by **Bourns**. It is part of the EM14 series, commonly used for human-machine interface (HMI) applications where precision and durability are required. --- ### ## Technical Specifications Breakdown The part number identifies specific characteristics of the component. Below is a detailed breakdown of its electronic and mechanical properties: | Feature | Specification | | :--- | :--- | | **Component Type** | Rotary Optical Encoder | | **Output Type** | 2-bit Quadrature (Gray Code) | | **Resolution** | 32 Pulses per Revolution (PPR) | | **Mounting Type** | Through-hole (PCB Mount) | | **Terminal Style** | Radial Lead (Pins) | | **Shaft Style** | Slotted Shaft | | **Switch Option** | Integrated Push Momentary Switch | | **Operating Voltage** | 5.0 VDC | | **Rotational Life** | Up to 1,000,000 cycles | --- ### ## Key Features and Components ### 1. Optical Technology Unlike mechanical encoders that use metal brushes, the EM14 uses **optical sensing**. - **Benefit:** It eliminates contact bounce and significantly extends the life of the part because there is no physical wear on the sensing elements. - **Reliability:** Provides a very clean signal output without the need for extensive hardware debouncing. ### 2. Integrated Push Switch The "S" at the end of the part number indicates a **Momentary Push Switch**. - This allows the encoder to act as both a selection dial (scrolling) and a button (confirming/entering), saving space on a control panel. ### 3. Quadrature Output It outputs two signals (Channel A and Channel B) phased 90 degrees apart. - **Direction Sensing:** By comparing which signal leads, the microcontroller can determine if the knob is being turned clockwise or counter-clockwise. - **Precision:** With 32 PPR, it provides a tactile feel suitable for menu navigation. --- ### ## Pinout Configuration Typically, the EM14 series with a switch follows this standard 5-pin or 6-pin layout: 1. **VCC:** Power supply (typically 5V). 2. **GND:** Common Ground. 3. **Channel A:** Output signal A. 4. **Channel B:** Output signal B. 5. **Switch 1:** Terminal for the push button. 6. **Switch 2:** Terminal for the push button. --- ### ## Common Applications * **Medical Equipment:** High-reliability parameter adjustment. * **Audio/Video Editing:** Precision scrubbing and volume control. * **Industrial Controls:** Navigation of digital menus on PLCs. * **Test & Measurement:** Oscilloscopes and signal generators.
    ✨ Follow-up Questions
    • ⤷ How does optical encoding differ from mechanical encoding in terms of signal noise?
    • ⤷ What are the power consumption requirements for the EM14 series?
    • ⤷ Can this encoder be interfaced directly with a 3.3V microcontroller?