データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EM14R1A-R25-R032S

  • AI
    The **EM14R1A-R25-R032S** is a high-quality optical encoder manufactured by **Bourns**. It is designed for human-machine interface (HMI) applications where precision, long life, and a "rotary switch" feel are required. --- ### ## Technical Specifications Breakdown The part number identifies specific mechanical and electrical characteristics: | Feature | Specification | | :--- | :--- | | **Encoder Type** | Optical (Non-contacting) | | **Output Type** | 2-bit Quadrature (Digital) | | **Resolution** | 32 Pulses per Revolution (PPR) | | **Input Voltage** | 5.0 VDC | | **Rotational Life** | Up to 1,000,000 cycles | | **Mounting Type** | Through-hole (PC Pin) | | **Detent Option** | Yes (R25 indicates detent torque/feel) | | **Switch** | Push-button momentary switch included | --- ### ### Key Electronic Components & Operation #### 1. Optical Sensing Mechanism Unlike mechanical encoders that use physical metal wipers (which wear out over time), the EM14 uses an **Infrared (IR) LED** and a **Photodetector**. * A slotted disk rotates between the light source and the sensor. * This eliminates contact "bounce" and provides a significantly longer lifespan. #### 2. Quadrature Output (Phase A and B) The device outputs two square wave signals. By comparing the phase shift between **Channel A** and **Channel B**, the microcontroller can determine: * **Direction:** Clockwise or Counter-clockwise. * **Velocity:** How fast the knob is being turned. * **Position:** The relative increment of the turn. #### 3. Integrated Push Switch The "S" at the end of the part number denotes a **Momentary Push Switch**. * **Circuitry:** Usually configured as Single Pole Single Throw (SPST). * **Function:** Allows the user to "Select" or "Enter" a value by pressing the encoder shaft downward. --- ### ### Typical Connection Diagram To interface this with a microcontroller (like an Arduino or ESP32), you generally follow this pinout logic: ```cpp // Pin Configuration Example VCC -> 5V DC GND -> Common Ground Ch A -> Digital Pin (Interrupt recommended) Ch B -> Digital Pin SW -> Digital Pin (with Internal Pull-up) ``` --- ### ### Advantages of the EM14 Series * **No Debouncing Required:** Optical signals are much cleaner than mechanical ones, reducing the need for complex RC filters or software delays. * **Precision "Feel":** The R25 detent provides tactile feedback (clicks) which is ideal for menu navigation. * **Compact Form Factor:** The 14mm package size makes it suitable for dense control panels in medical, audio, or industrial equipment.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the RPM based on the 32 PPR output?
    • ⤷ What is the specific current draw for the IR LED in this encoder?
    • ⤷ Can this encoder operate at 3.3V instead of 5V?