データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EM351-RTR

  • AI
    The **EM351-RTR** is a high-performance ZigBee System-on-Chip (SoC) developed by Silicon Labs. It is specifically designed to function as a **Remote Transmission/Reception** unit or a network node within the EmberZNet ecosystem. --- ### 1. Core Technical Specifications The EM351 combines a 2.4 GHz IEEE 802.15.4 compliant transceiver with a powerful microprocessor and various peripherals. | Component | Specification | | :--- | :--- | | **Processor** | 32-bit ARM® Cortex®-M3 | | **Flash Memory** | 128 KB | | **RAM** | 12 KB | | **Frequency Band** | 2.4 GHz (ISM Band) | | **Data Rate** | 250 kbps | | **Operating Voltage** | 2.1V to 3.6V | | **Package** | 48-pin QFN (7 mm × 7 mm) | --- ### 2. Internal Electronic Subsystems #### A. Radio Transceiver The radio is integrated into the chip, reducing the need for external components. * **Sensitivity:** -100 dBm (normal mode) to -102 dBm (boost mode). * **Output Power:** Up to +3 dBm (normal) or +8 dBm (boost). * **Hardware MAC:** Includes automated packet handling, ACK generation, and RSSI (Received Signal Strength Indicator). #### B. Power Management The EM351-RTR is designed for battery-operated devices and includes: * An integrated **Voltage Regulator**. * **Sleep Modes:** Deep sleep modes with a dedicated 10 kHz internal RC oscillator to minimize power consumption when idle. * Power-on-reset (POR) and brown-out detector. #### C. Peripheral Interfaces To interact with other sensors or controllers, the chip offers several I/O options: * **UART:** For serial communication with a host PC or MCU. * **SPI/I2C:** For interfacing with external sensors or memory. * **ADC:** 12-bit Analog-to-Digital Converter for reading sensor voltages. * **GPIO:** General Purpose Input/Output pins for LEDs, buttons, or switches. --- ### 3. Application Architecture In an "RTR" (Router/Remote) configuration, the electronic firmware is optimized for: 1. **Mesh Routing:** Acting as a bridge to pass data packets from end devices to the coordinator. 2. **Encryption:** Using a built-in **AES-128 hardware encryption engine** to secure wireless transmissions. 3. **Bootloading:** Supports serial bootloading for firmware updates. --- ### 4. Typical Connection Diagram (High-Level) ```mermaid graph LR A[Antenna] --- B[Matching Network/Balun] B --- C[EM351 SoC] C --- D[32 MHz Crystal] C --- E[24 MHz Crystal] C --- F[Sensors/Actuators via GPIO] C --- G[Power Source 3V] ```
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of the EM351 in deep sleep mode?
    • ⤷ How does the EM351-RTR compare to the newer EFR32 series?
    • ⤷ What external components are required for the RF matching circuit of this chip?