データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EM357-RTR

  • AI
    ## EM357-RTR Electronic Components Overview The **EM357-RTR** is a high-performance, ZigBee-compliant System-on-Chip (SoC) designed by Silicon Labs. It is widely used in smart home automation, smart energy (smart meters), and industrial wireless sensor networks. The "RTR" designation typically refers to the **Remote Terminal Unit** or **Router** configuration within a mesh network, leveraging the EM357's robust networking capabilities. --- ### 1. Core Architecture The heart of the EM357 consists of a powerful microcontroller and a dedicated radio subsystem. | Component | Specification | | :--- | :--- | | **Microprocessor** | 32-bit ARM® Cortex®-M3 | | **Clock Speed** | 12 MHz (configurable up to 24 MHz) | | **Flash Memory** | 192 kB | | **RAM** | 12 kB | | **Operating Voltage** | 2.1V to 3.6V | --- ### 2. Radio Transceiver Details The EM357 integrates a 2.4 GHz IEEE 802.15.4-2003 compliant transceiver. * **RF Sensitivity:** -101 dBm (boost mode) / -100 dBm (normal). * **Output Power:** Up to +3 dBm (boost mode up to +8 dBm with external components). * **Link Budget:** Up to 110 dB. * **Integrated Components:** Includes a power amplifier, low-noise amplifier, and receive-transmit switch to minimize external part count. --- ### 3. Peripheral Interfaces The chip provides various interfaces to interact with sensors and other integrated circuits (ICs). * **UART:** High-speed serial communication (often used for the EmberZNet Serial Protocol). * **SPI/I2C:** For interfacing with external EEPROM, sensors, or displays. * **ADC:** 12-bit Analog-to-Digital Converter with up to 6 input channels. * **GPIO:** Up to 24 General Purpose I/O pins with configurable pull-up/down resistors. * **Timers:** Multiple 16-bit timers and a dedicated watchdog timer. --- ### 4. Power Management The EM357 is designed for battery-operated devices, featuring several power-saving modes: | Mode | Current Consumption | | :--- | :--- | | **Transmit Mode** | ~31 mA (at +3 dBm) | | **Receive Mode** | ~26 mA | | **Deep Sleep** | < 1 µA (with sleep timer disabled) | | **Idle Mode** | ~6 mA | --- ### 5. Application Circuit Example (Simplified) When designing a PCB for the EM357, specific external components are required for the RF path and stability. ```markdown [Antenna] <--> [Matching Network/Balun] <--> [EM357 RF Pins] | [24 MHz Crystal Oscillator] | [Decoupling Capacitors] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the EM357 and the newer EFR32 series?
    • ⤷ How do I implement the EmberZNet stack on the EM357?
    • ⤷ What external balun components are recommended for the EM357 RF design?