データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EMMT-AS-40-M-LS-R2M

  • AI
    ## EMMT-AS-40-M-LS-R2M: Technical Analysis The **EMMT-AS-40-M-LS-R2M** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise motion control applications, offering high torque density and a dynamic response. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Motor Type** | AC Synchronous Servo Motor | | **Flange Size** | 40 mm | | **Winding Type** | M (Medium Speed/Torque) | | **Length** | S (Short) | | **Encoder Interface** | Digital (EnDat 2.2 / BiSS-C) | | **Nominal Voltage** | 325 V DC (Bus Voltage) | | **Protection Class** | IP65 (Housing) / IP40 (Shaft) | | **Connection Technology** | Single-Cable Solution (OCP) | --- ### 2. Key Electronic Components #### A. Integrated Encoder System The motor utilizes a high-resolution absolute encoder. - **Feedback Type:** Single-turn or Multi-turn digital feedback. - **Communication:** Uses a digital serial protocol which provides high noise immunity and eliminates the need for manual commutation offset setup. - **Resolution:** Typically 18-bit to 24-bit, allowing for sub-micron positioning accuracy when paired with a ball screw. #### B. Single-Cable Connection (OCP) One of the most significant electronic features is the **One Cable Plug (OCP)** technology. - **Function:** Power, motor-temperature monitoring, and encoder data are all transmitted through a single hybrid cable. - **Electronic Advantage:** Reduces electromagnetic interference (EMI) issues and simplifies wiring architecture, reducing the potential for connection errors. #### C. Temperature Monitoring Inside the windings, the motor contains a digital thermal sensor. - **Protection:** This sensor communicates directly with the motor controller (Servo Drive) via the digital feedback line. - **Safety:** It prevents thermal runaway by triggering a "Temperature Warning" or "Fault" in the drive if internal thresholds are exceeded. --- ### 3. Electronic System Integration To operate the EMMT-AS, it must be paired with a compatible servo drive (such as the Festo **CMMT-AS**). The electronic interaction follows this workflow: 1. **Power Supply:** The drive converts AC line voltage to a controlled DC bus. 2. **PWM Inverter:** The drive uses IGBTs (Insulated-Gate Bipolar Transistors) to pulse-width modulate the power to the motor phases. 3. **Closed Loop:** The drive reads the encoder position from the EMMT-AS via the digital link and adjusts the current output thousands of times per second to maintain speed and position. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **EMMT-AS** | Brushless AC Synchronous Motor | | **40** | Flange size (40mm) | | **M** | Optimized winding for Medium speeds | | **LS** | Overall motor length (Short) | | **R2** | Rotating plug (Angled) | | **M** | Multi-turn absolute encoder | ---
    ✨ Follow-up Questions
    • ⤷What are the specific torque and RPM ratings for the EMMT-AS-40?
    • ⤷ Which servo drive is most compatible with the EMMT-AS series?
    • ⤷ How does the 'One Cable Plug' technology improve signal integrity compared to dual-cable systems?