データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EMMT-AS-60-S-LS-RMY

  • AI
    ### Technical Overview: EMMT-AS-60-S-LS-RMY The **EMMT-AS-60-S-LS-RMY** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise positioning and dynamic movement in industrial automation. --- ### Key Electronic & Technical Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Motor Type** | AC Synchronous | Permanent magnet brushless motor. | | **Flange Size** | 60 mm | Compact square mounting interface. | | **Power Type** | 3-Phase AC | High efficiency and torque density. | | **Encoder Interface** | Single-cable (OCP) | Combined power and feedback in one cable. | | **Feedback Type** | Absolute Encoder | Multi-turn, digital (EnDat 2.2 or similar protocol). | | **Winding Type** | LS (Low Slot Ripple) | Optimized for smooth rotation at low speeds. | --- ### Core Electronic Components #### 1. Integrated Encoder (Absolute Multi-turn) The "R" in the part number indicates the encoder type. * **Function:** Monitors position, speed, and rotor orientation. * **Electronic Benefit:** Since it is "Multi-turn," the system remembers its absolute position even after a power cycle, eliminating the need for a homing run. #### 2. Winding Design (LS - Low Slot) * The internal electromagnetic design reduces "cogging torque." This electronic optimization ensures that the motor provides a very consistent torque output, which is critical for applications requiring high surface finish quality or precise steady-state speeds. #### 3. Temperature Sensors * Integrated thermal sensors (usually PT1000 or KTY) are embedded in the motor windings. * **Protection:** These sensors provide real-time feedback to the motor controller (e.g., CMMT-AS) to prevent electronic burnout due to overheating. #### 4. Electronic Connection (One Cable Plug - OCP) * This model uses the **"M" (M23 Connector)** type for a single-cable solution. * **Logic:** Both the 3-phase power supply and the digital encoder signals travel through a single shielded cable. This reduces electromagnetic interference (EMI) risks and simplifies wiring. --- ### Performance Ratings (Typical) * **Nominal Voltage:** 325 V DC / 565 V DC (depending on the drive). * **Peak Current:** Significant headroom for high acceleration phases. * **Holding Brake:** The "Y" designation indicates an integrated electronic holding brake (24V DC), which locks the shaft when the motor is de-energized.
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drives for the EMMT-AS series?
    • ⤷ How does the 'One Cable Technology' reduce electronic noise in this motor?
    • ⤷ What is the specific torque rating for the 60-S frame size?