データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EMMT-AS-80-L-LS-RMYB

  • AI
    The **EMMT-AS-80-L-LS-RMYB** is a high-performance AC synchronous servo motor manufactured by **Festo**. It is designed for precise positioning and dynamic movement in automation systems. --- ### 1. Technical Specifications Breakdown The model name follows a specific nomenclature that defines its electronic and mechanical characteristics: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **EMMT-AS** | Series | Brushless AC Synchronous Servo Motor | | **80** | Flange Size | 80 mm | | **L** | Length | Large (Long design for higher torque) | | **LS** | Connection | Single-cable plug (OCP), rotatable | | **R** | Encoder Type | Absolute, Multi-turn (Hiperface DSL) | | **M** | Resolution | 20-bit (High precision) | | **Y** | Brake | Integrated Holding Brake | | **B** | Shaft | Smooth shaft (no keyway) | --- ### 2. Key Electronic Components #### A. The Encoder System (R-M) This is the "brain" of the motor's feedback loop. * **Absolute Multi-turn:** Unlike incremental encoders, this remembers its position even after a power cycle. It does not require a "homing" run. * **Hiperface DSL Protocol:** This digital protocol allows for communication over just two wires, which are integrated into the motor's main power cable. * **Resolution:** With 20-bit resolution, the motor can resolve over **1,048,576 positions per revolution**, ensuring extreme smoothness at low speeds. #### B. The Integrated Holding Brake (Y) * **Function:** An electromagnetic brake that holds the motor shaft in place when de-energized. * **Safety:** Essential for vertical axes to prevent the load from falling during a power failure. * **Electronic Control:** Managed by the motor controller (Servo Drive), typically requiring 24V DC. #### C. Single-Cable Technology (LS) * **Hybrid Design:** Instead of separate cables for power and feedback, the "LS" designation uses a single hybrid cable. * **Benefits:** Reduced wiring complexity, lower weight in cable carriers, and less chance of electromagnetic interference (EMI) issues due to integrated shielding. --- ### 3. Performance Electronics The motor is designed to be paired with the **CMMT-AS** series of servo drives. * **Winding Insulation:** Class 155 (F), allowing for high operating temperatures without degradation. * **Thermal Protection:** Integrated temperature sensors (typically PTC or digital) that communicate with the drive to prevent burnout during overload conditions. * **Dynamic Response:** Low rotor inertia allows for rapid acceleration and deceleration cycles. --- ### 4. Environmental Ratings * **IP67 Rating:** The electronic housing and connections are dust-tight and protected against temporary immersion in water. * **Rotatable Connector:** The electrical plug can be rotated 310° to facilitate easier cable routing without straining the internal wiring.
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drives for the EMMT-AS series?
    • ⤷ How does the Hiperface DSL protocol improve motor performance?
    • ⤷ What is the difference between the 'R' (multi-turn) and 'S' (single-turn) encoder versions?