データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EP9631-R3A

  • AI
    ## Overview of the EP9631-R3A The **EP9631-R3A** is an advanced integrated circuit (IC) primarily designed as an **HDMI Repeater with ARC (Audio Return Channel)** and **MHL (Mobile High-Definition Link)** support. It is commonly found in audio-visual equipment such as Soundbars, AV Receivers, and high-end HDMI switchers. --- ### Core Technical Specifications | Feature | Specification | | :--- | :--- | | **HDMI Version** | HDMI 1.4b compatible | | **Max Resolution** | 4K x 2K @ 30Hz / 1080p @ 120Hz | | **Audio Support** | 8-channel IIS, S/PDIF, and DSD | | **MHL Support** | MHL 2.0 (up to 1080p @ 60Hz) | | **HDCP** | Integrated HDCP 1.4 decryption/encryption | | **Package Type** | 128-pin LQFP | --- ### Key Electronic Components & Subsystems The EP9631-R3A functions as a "system-on-a-chip" (SoC) for HDMI management. Its internal architecture consists of several critical electronic blocks: #### 1. Adaptive Equalizer The input stage features an adaptive equalizer that compensates for signal loss in long HDMI cables. This allows the chip to clean up "noisy" digital signals before processing or re-transmitting them. #### 2. ARC & CEC Controllers * **ARC (Audio Return Channel):** It contains specialized circuitry to extract audio upstream from a TV to an external audio system. * **CEC (Consumer Electronics Control):** A dedicated hardware block handles one-touch play and standby commands across connected devices. #### 3. Audio Extraction Engine One of the primary uses of this part is its ability to extract digital audio from the HDMI stream. It outputs this data via: * **I2S (Inter-IC Sound):** For high-fidelity DAC (Digital-to-Analog Converter) input. * **S/PDIF:** For optical or coaxial digital outputs. #### 4. HDCP Key Management The chip includes embedded keys for **HDCP 1.4**. This ensures that the content remains encrypted while moving through the repeater, preventing unauthorized copying while allowing seamless playback. --- ### Typical Application Circuitry In a standard PCB design, the EP9631-R3A requires several external components to function correctly: 1. **Crystal Oscillator:** Usually a **27MHz** crystal to provide a stable clock reference. 2. **LDO Regulators:** The chip typically operates on dual power rails (e.g., **1.1V** for the core and **3.3V** for I/O). Stable Low-Dropout regulators are essential to minimize jitter. 3. **EEPROM:** An external I2C EEPROM is often used to store the **EDID** (Extended Display Identification Data) and configuration settings. 4. **ESD Protection:** High-speed TVS (Transient Voltage Suppressor) diodes are usually placed on the HDMI differential pairs to protect the chip from static discharge when plugging/unplugging cables. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the EP9631-R3A in standby mode?
    • ⤷ Can the EP9631-R3A be upgraded to support HDMI 2.0 or 4K/60Hz?
    • ⤷ Which DACs are most commonly paired with this chip for high-end audio output?