データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EPC-BRKB5-RACK

  • AI
    The **EPC-BRKB5-RACK** is a specialized electronic accessory designed for industrial computing and server environments. It is primarily used as a **Breakout/Interface Rack** for high-density I/O (Input/Output) systems, often associated with industrial automation controllers or rackmount PCs. --- ### 1. Technical Specifications Overview The electronic components within this rack are designed for signal distribution and modular connectivity. | Component Category | Description | | :--- | :--- | | **Form Factor** | 19-inch Standard Rackmount (usually 1U or 2U) | | **I/O Interface** | High-density D-Sub or SCSI-style connectors to Terminal Blocks | | **Signal Support** | Digital I/O, Analog signals, and Power distribution | | **Material** | Industrial-grade PCB with EMI shielding | | **Mounting** | Standard EIA-310-D compliant rails | --- ### 2. Core Electronic Components The "Electronic Parts" of this unit generally consist of the following internal hardware: #### A. Passive Signal Routing (PCB) The heart of the unit is a multi-layer **Printed Circuit Board (PCB)**. Unlike active computers, this rack functions as a bridge. The traces are designed for low impedance to ensure signal integrity between the controller and the field devices. #### B. Terminal Blocks * **Function:** Provides a landing point for raw wires from sensors, actuators, or switches. * **Type:** Usually screw-terminal or spring-cage connectors. * **Pitch:** Standard 3.5mm or 5.0mm spacing to prevent electrical arcing. #### C. Connector Interfaces The rear or side panel usually contains high-density connectors (like **DB37, DB50, or HD68**) which connect via a "harness" or "trunk cable" to the main EPC (Electronic Power Controller) or Industrial PC. #### D. Protection Circuitry Depending on the specific revision, the electronics may include: * **TVS Diodes:** For Transient Voltage Suppression to protect the host PC from power surges. * **Fuses:** Individual resettable (PTC) fuses for I/O channel protection. * **LED Indicators:** Status LEDs for power rails (e.g., +5V, +12V, +24V) and active I/O status. --- ### 3. Usage Context The **EPC-BRKB5-RACK** is typically used in scenarios where a computer needs to interact with many physical electronic points without cluttering the server room with loose wires. * **Signal Conversion:** It takes high-density, fragile connectors from an I/O card and "breaks them out" into sturdy, individual wire terminals. * **Grounding:** The rack provides a centralized grounding point to reduce "noise" in sensitive analog measurements. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the EPC-BRKB5-RACK connectors?
    • ⤷ Does this rack include active opto-isolation for the I/O channels?
    • ⤷ Which industrial controllers or PCs are natively compatible with this breakout rack?