データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EPC-R7000

  • AI
    The **EPC-R7000** is a high-performance, fanless industrial computer manufactured by Advantech, specifically designed for AIoT (Artificial Intelligence of Things) applications and edge computing. It is built around the **ARM architecture**, specifically leveraging the NXP i.MX 8M series. --- ### Core Electronic Components The EPC-R7000 integrates several high-end electronic modules to support machine learning and industrial automation. | Component Category | Specific Part / Technology | Description | |:---|:---|:---| | **Processor (SoC)** | NXP i.MX 8M Plus | A Quad-core Cortex-A53 processor (up to 1.8GHz) with a dedicated Cortex-M7 real-time co-processor. | | **AI Accelerator** | Integrated NPU | A Neural Processing Unit (NPU) providing up to **2.3 TOPS** for deep learning inference. | | **Memory (RAM)** | LPDDR4 | Supports up to 6GB of low-power, high-speed onboard memory. | | **Storage** | eMMC & MicroSD | Onboard 16GB/32GB eMMC for OS stability and a MicroSD slot for expansion. | | **Graphics (GPU)** | Vivante GC7000UL | Supports 2D/3D graphics acceleration and OpenGL ES 3.1. | --- ### Connectivity and I/O Interfaces The electronic design of the EPC-R7000 focuses on industrial ruggedness and high-speed data transfer: * **Dual Gigabit Ethernet:** Two RJ45 ports for independent network segments (Local vs. Cloud). * **Video Output:** HDMI 2.0 interface supporting resolutions up to 4K @ 30fps. * **Wireless Expansion:** * **M.2 Key-E:** Usually populated with Wi-Fi/Bluetooth modules. * **Mini-PCIe:** Designed for 4G/LTE or specialized cellular modules. * **Serial Communication:** Includes RS-232/422/485 ports and CANBus (essential for automotive and robotics integration). --- ### Power and Thermal Management To ensure reliability in harsh environments, the EPC-R7000 incorporates specific electrical protections: 1. **Wide Voltage Input:** Supports **12V to 24V DC** input to handle fluctuations in industrial power grids. 2. **Fanless Cooling:** The chassis acts as a heat sink for the SoC, allowing it to operate in temperatures ranging from **-20°C to 70°C**. 3. **Industrial ESD Protection:** I/O pins are protected against Electrostatic Discharge (Level 4). ### Block Diagram Representation (Simplified) ```mermaid graph LR A[NXP i.MX 8M Plus SoC] --> B[2.3 TOPS NPU] A --> C[LPDDR4 Memory] A --> D[HDMI 2.0] A --> E[Dual GbE LAN] A --> F[RS-232/485/CANBus] A --> G[M.2 / Mini-PCIe] ```
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the EPC-R7000 and the EPC-R7200 models?
    • ⤷ Which operating systems are compatible with the EPC-R7000's NPU?
    • ⤷ How do I configure the CANBus interface on this device for industrial robotics?