データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EPP-R3054

  • AI
    The **EPP-R3054** is a high-performance, integrated thermal printer module commonly used in kiosks, ATMs, and medical instrumentation. It is designed for reliability and space-saving applications. --- ## 1. Core Electronic Specifications The EPP-R3054 operates on a thermal line printing method, requiring specific voltage and current parameters to drive the print head and motor. | Parameter | Specification | | :--- | :--- | | **Print Method** | Thermal Line Printing | | **Resolution** | 8 dots/mm (203 DPI) | | **Operating Voltage** | DC 24V ± 10% | | **Peak Current** | Approx. 2.0A - 4.0A (during printing) | | **Interface Options** | USB, Serial (RS-232C) | | **Paper Width** | 80mm | --- ## 2. Key Electronic Components The internal circuitry of the EPP-R3054 consists of several critical sub-systems: ### A. Thermal Print Head (TPH) * **Heating Elements:** A line of resistors that heat up to activate the thermal paper. * **Thermistor:** An integrated temperature sensor that monitors the TPH heat level to prevent overheating and ensure consistent print quality. ### B. Stepper Motor Driver * **Precision Control:** An H-bridge driver circuit controls a bipolar stepper motor, ensuring smooth and accurate paper advancement. * **Voltage Regulation:** Converts the 24V input into the necessary phases for the motor coils. ### C. Control Logic (Main Board) * **Microcontroller (MCU):** Processes incoming data from the interface and converts it into dot patterns (raster data) for the TPH. * **Flash Memory:** Stores resident fonts, character sets, and buffer data. * **Power Management:** Regulates 24V down to 5V or 3.3V for the logic circuits. ### D. Sensors The unit utilizes opto-electronic sensors to monitor physical status: * **Paper End Sensor:** Detects when paper is missing. * **Paper Near End Sensor:** (Optional) Alerts the system when the roll is low. * **Platen Open Sensor:** Ensures the mechanism is locked before printing begins. --- ## 3. Connectivity and Interface The electronic interface allows for seamless integration with host computers or industrial controllers. * **USB Port:** Standard Type-B interface for high-speed data transfer. * **Serial (RS-232):** DB9 or Header pins for legacy industrial systems. * **Cash Drawer Port:** Often includes a 24V RJ11 peripheral drive circuit to trigger cash drawer solenoids. --- ## 4. Maintenance & Protection Circuits To ensure longevity, the EPP-R3054 includes several electronic safeguards: 1. **Overheat Protection:** The MCU will pause printing if the thermistor reports temperatures above the safety threshold (typically 65°C+). 2. **Voltage Protection:** Protection against polarity reversal and over-voltage spikes. 3. **Static Discharge (ESD):** Shielding on the interface ports to prevent damage from human interaction.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the RS-232 interface on the EPP-R3054?
    • ⤷ How do I update the firmware on the EPP-R3054 control board?
    • ⤷ What is the maximum printing speed supported by this module's motor driver?