データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EPRC05-R12M

  • AI
    The **EPRC05-R12M** is a common part number associated with a specific type of **Solar Charge Controller**, typically utilized in small-scale photovoltaic (PV) systems. Below is a detailed breakdown of its electronic components, technical specifications, and functions. --- ## 1. Technical Specifications This device acts as the "brain" between your solar panels and your battery storage. | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 12V DC | | **Rated Charge Current** | 5A | | **Rated Load Current** | 5A | | **Regulation Method** | PWM (Pulse Width Modulation) | | **Operating Temperature** | -35°C to +55°C | | **Enclosure Rating** | IP30 (Indoor use) | --- ## 2. Core Electronic Components The internal circuitry of the EPRC05-R12M consists of several key functional blocks: ### A. Power MOSFETs * **Function:** These act as electronic switches. In a PWM controller, MOSFETs rapidly switch the connection between the solar panel and the battery to maintain a constant voltage (Float charge). * **Protection:** They prevent "reverse current," which occurs at night when the battery attempts to discharge back into the solar panels. ### B. Microcontroller (MCU) * **Function:** The MCU monitors the battery voltage and determines the state of charge. It controls the LED indicators and the PWM switching frequency. * **Logic:** It implements the 3-stage charging algorithm (Bulk, Boost, and Float). ### C. Temperature Sensor * **Function:** This component measures the ambient temperature to adjust the charging voltage. Since battery chemistry is sensitive to heat/cold, the controller compensates to prevent overcharging or undercharging. ### D. Protection Circuitry The EPRC05-R12M includes surface-mount components (resistors, capacitors, and diodes) designed to handle: * **Over-load protection:** Shuts down if the load exceeds 5A. * **Short circuit protection:** Prevents fire hazards in case of wiring errors. * **LVD (Low Voltage Disconnect):** Prevents the battery from over-discharging by cutting power to the load. --- ## 3. Terminal Interface The unit typically features six screw terminals arranged in pairs: 1. **Solar Terminals:** Input from the PV panels. 2. **Battery Terminals:** Connection to the 12V lead-acid battery. 3. **Load Terminals:** Output for 12V DC appliances (lights, small fans). --- ## 4. Operational LEDs The electronic interface uses LED indicators to communicate system status: * **Charging LED:** Green light indicates the panels are generating power and the battery is charging. * **Battery LED:** Usually changes color (Green/Amber/Red) to indicate battery capacity levels. * **Load LED:** Indicates if the DC output is active or if an error has occurred.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this PWM controller and an MPPT controller?
    • ⤷ How do I calculate the maximum solar panel wattage for this 5A controller?
    • ⤷ Can this controller be used with Lithium batteries or only Lead-Acid?