データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EPRC05-R3M

  • AI
    The **EPRC05-R3M** is a solar charge controller primarily used in small-scale photovoltaic systems. It is designed to regulate the voltage and current coming from solar panels to safely charge batteries and power DC loads. ### Core Specifications | Feature | Specification | | :--- | :--- | | **Model** | EPRC05-R3M | | **Rated Charge Current** | 5 Amps | | **Rated Load Current** | 5 Amps | | **System Voltage** | 12V DC | | **Regulation Method** | PWM (Pulse Width Modulation) | | **Self-consumption** | < 6mA | --- ### Key Electronic Components & Functions The internal circuitry of the EPRC05-R3M consists of several critical stages: #### 1. Power Regulation (PWM Control) Instead of a simple linear regulator, this device uses **Pulse Width Modulation**. It acts like a high-speed switch between the solar panel and the battery. As the battery nears full charge, the "pulses" become shorter, reducing the energy flow to prevent overheating and gassing. #### 2. Protection Circuitry The device incorporates solid-state electronics (MOSFETs) to provide the following protections: * **Overcharge Protection:** Disconnects the solar panel when the battery reaches its upper voltage limit. * **Over-discharge Protection (LVD):** Disconnects the load if the battery voltage drops too low, preventing permanent battery damage. * **Reverse Current Protection:** Prevents the battery from discharging back into the solar panels at night (replaces the need for a blocking diode). * **Short Circuit/Overload Protection:** Uses electronic fuses to shut down the output if the load exceeds 5A. #### 3. Monitoring (LED Indicators) The unit typically features a simple interface using three LEDs: * **Solar LED:** Indicates if the panel is providing charge. * **Battery LED:** Displays the state of charge (Green = Full, Amber = Low, Red = Empty). * **Load LED:** Indicates if the DC output is active. --- ### Technical Usage Summary ```yaml System_Type: Off-grid Battery_Compatibility: Lead-Acid (Sealed, Gel, Flooded) Mounting: Indoor / IP22 rated Termination: Screw terminals (up to 4mm² wire) ```
    ✨ Follow-up Questions
    • ⤷ What are the wiring steps for the EPRC05-R3M to avoid short circuits?
    • ⤷ Can this controller be used with Lithium-ion batteries?
    • ⤷ What is the maximum solar panel wattage supported by a 5A 12V controller?