データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ER3JB

  • AI
    ## Technical Overview of the ER3JB Diode The **ER3JB** is a high-efficiency, surface-mount **Super Fast Recovery Rectifier**. It is commonly used in power management circuits where high-speed switching and low power loss are critical. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the ER3JB: | Parameter | Specification | | :--- | :--- | | **Diode Type** | Super Fast Recovery | | **Package Type** | SMB (DO-214AA) | | **Max. Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 600V | | **Max. Average Forward Current ($I_{F(AV)}$)** | 3.0A | | **Max. Forward Voltage Drop ($V_F$)** | 1.7V @ 3.0A | | **Reverse Recovery Time ($t_{rr}$)** | 35ns | | **Operating Junction Temperature** | -55°C to +150°C | --- ### 2. Physical and Mechanical Features * **Package Style:** It utilizes the **SMB (DO-214AA)** surface-mount package, which is designed for automated placement on PCBs. * **Polarity:** Indicated by a cathode band on the body of the component. * **Construction:** Typically features a glass-passivated pellet chip junction for high reliability and stability against environmental factors. --- ### 3. Applications and Usage The ER3JB is specifically engineered for high-frequency rectification. Common use cases include: 1. **Switching Power Supplies (SMPS):** Used in the output rectification stage to improve efficiency. 2. **Inverters:** Essential for DC-to-AC conversion processes where fast switching reduces heat. 3. **Freewheeling Diode:** Protects circuits from voltage spikes in inductive loads (motors, solenoids). 4. **DC-DC Converters:** Acts as a high-speed switch to maintain steady voltage levels. --- ### 4. Why Use "Super Fast Recovery"? In electronic circuits, when a diode switches from a conducting state to a blocking state, there is a brief delay called the **Reverse Recovery Time ($t_{rr}$)**. * **Standard Diodes:** Have slow $t_{rr}$ (microseconds), leading to power loss and heat. * **ER3JB:** With a $t_{rr}$ of only **35 nanoseconds**, it minimizes switching losses, making it ideal for high-speed pulse-width modulation (PWM) applications. ---
    ✨ Follow-up Questions
    • ⤷What are the differences between ER3JB and a standard 1N4007 diode?
    • ⤷ How does the SMB package compare to the SMA package for heat dissipation?
    • ⤷ Can ER3JB be used in 220V AC to DC bridge rectifiers?