データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ES-R-

  • AI
    The **ES-R** series typically refers to a specific category of **Electromagnetic Relay** modules (often associated with industrial automation and PLC interfacing) or high-performance **Electrolytic Surface-mount** resistors/capacitors depending on the manufacturer. However, in the context of general electronic components, "ES-R" is most commonly associated with **Electromagnetic Safety Relays** or **Low ESR (Equivalent Series Resistance)** components. --- ### 1. Common Interpretations of ES-R | Category | Component Type | Primary Function | | :--- | :--- | :--- | | **Relays** | Electromagnetic Safety Relay | Used to isolate control circuits from high-power loads. | | **Capacitors** | Low ESR Electrolytic | Designed for high-frequency switching power supplies. | | **Resistors** | Shunt / Precision Resistor | Used for current sensing with minimal thermal drift. | --- ### 2. Deep Dive: ES-R Series Safety Relays If you are referring to the industrial relay modules (common in DIN-rail mounting), here are the core electronic parts and their functions: #### A. The Coil (Input Side) The "Heart" of the relay. When voltage is applied, it creates a magnetic field. * **Material:** Fine copper winding. * **Protection:** Usually includes a **Flyback Diode** to prevent voltage spikes when the coil is de-energized. #### B. The Contacts (Output Side) The mechanical switches that open or close the circuit. * **Composition:** Silver-Tin-Oxide ($AgSnO_2$) or Silver-Nickel ($AgNi$) for high conductivity and arc resistance. * **Configuration:** Typically SPDT (Single Pole Double Throw) or DPDT. #### C. The Armature and Spring * **Armature:** A moving ferromagnetic metal piece attracted by the coil. * **Spring:** Ensures the contacts return to their "Normal" state once power is removed. --- ### 3. Technical Specifications Table Typical values for an ES-R type relay component: | Parameter | Typical Value | | :--- | :--- | | **Nominal Voltage** | 5V, 12V, or 24V DC | | **Contact Rating** | 10A to 16A @ 250VAC | | **Dielectric Strength** | 5,000V AC (between coil and contacts) | | **Operating Temperature** | -40°C to +85°C | | **Mechanical Life** | $> 10^7$ operations | --- ### 4. Circuit Symbol Representation ```mermaid graph LR A[Coil +] -- Electricity --> B((Magnetic Field)) B -- Pulls --> C{Armature} C -- Closes --> D[Load Circuit] ``` --- ### 5. Identification Tip To provide a more precise breakdown, please check the **Manufacturer Logo** on the part. Common manufacturers for "ES-R" labeled parts include: * **Panasonic / Omron:** Usually relays. * **Rubycon / Nichicon:** Usually Low-ESR Capacitors. * **Vishay:** Usually Resistors.
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific manufacturer like Panasonic or Omron?
    • ⤷ Do you need the pinout diagram for a specific ES-R relay model?
    • ⤷ Are you troubleshooting a circuit where an ES-R component has failed?