データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ES1AL-SMA-R

  • AI
    ## Analysis of the ES1AL-SMA-R Electronic Component The **ES1AL-SMA-R** is a high-efficiency, surface-mount **Super Fast Recovery Rectifier**. It is widely used in power management circuits where high speed and low power loss are critical. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the ES1AL-SMA-R: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Component Type** | Super Fast Recovery Rectifier | - | | **Package Type** | SMA (DO-214AC) | - | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 50 | V | | **Max Average Forward Current ($I_{F(AV)}$)** | 1.0 | A | | **Max Forward Voltage Drop ($V_F$)** | 0.95 | V (@ 1A) | | **Reverse Recovery Time ($t_{rr}$)** | 35 | ns | | **Operating Junction Temperature ($T_J$)** | -55 to +150 | °C | --- ### 2. Detailed Part Breakdown * **ES1**: Represents the series (Super Fast Efficient Rectifier, 1 Ampere). * **A**: Indicates the specific voltage rating (A = 50V in this series). * **L**: Often denotes "Low Profile" or specific manufacturing variations depending on the brand (e.g., Lite-On, Taiwan Semi). * **SMA**: Refers to the physical package size (Surface Mount Assembly, DO-214AC). * **R**: Generally indicates the packaging method (Tape & Reel). --- ### 3. Features and Advantages 1. **Ultra-Fast Switching**: With a recovery time ($t_{rr}$) of only **35ns**, it minimizes switching losses, making it ideal for high-frequency applications. 2. **Low Forward Voltage**: The low $V_F$ reduces heat dissipation and improves overall system efficiency. 3. **Glass Passivated Junction**: The internal chip is protected by a glass layer, ensuring high reliability and stability under high temperatures. 4. **Compact Footprint**: The SMA package is designed for automated surface mount placement, saving PCB space. --- ### 4. Typical Applications The ES1AL is commonly found in the following circuits: * **SMPS (Switching Mode Power Supplies)**: Used for high-frequency rectification. * **DC-DC Converters**: Acts as a freewheeling diode. * **Inverters**: Manages energy flow in power conversion. * **Polarity Protection**: Protects sensitive electronics from reverse battery connection. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between ES1AL and the ES1DL (200V) variant?
    • ⤷ Can this diode be used in high-temperature automotive environments?
    • ⤷ What is the recommended solder pad layout for an SMA package?