データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ES2AB

  • AI
    ## Understanding the ES2AB Electronic Component The **ES2AB** is a popular surface-mount electronic component, specifically classified as a **Super Fast Recovery Rectifier Diode**. It is widely used in power management and signal processing applications where high-speed switching is critical. --- ### 1. Key Technical Specifications The ES2AB is part of the "ES2" series, typically housed in an **SMB (DO-214AA)** package. Below are the primary electrical characteristics: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 100 V | | **Maximum RMS Voltage** | $V_{RMS}$ | 70 V | | **Maximum Average Forward Rectified Current** | $I_{F(AV)}$ | 2.0 A | | **Peak Forward Surge Current (8.3ms pulse)** | $I_{FSM}$ | 50 A | | **Maximum Reverse Recovery Time** | $t_{rr}$ | 35 ns | | **Maximum Forward Voltage Drop** | $V_F$ | 0.95 V | | **Operating Junction Temperature** | $T_J$ | -55 to +150 °C | --- ### 2. Physical Characteristics * **Package Type:** SMB (DO-214AA). * **Mounting Type:** Surface Mount (SMD). * **Case Material:** Molded plastic (UL Flammability Classification 94V-0). * **Terminals:** Solder plated, solderable per MIL-STD-750. * **Polarity:** Indicated by a cathode band. --- ### 3. Core Features and Benefits * **Super Fast Switching:** With a recovery time ($t_{rr}$) of only **35 nanoseconds**, it minimizes power loss during the transition from a conducting state to a blocking state. * **Low Forward Voltage Drop:** Enhances efficiency by reducing heat dissipation during operation. * **High Surge Capability:** Can handle momentary current spikes up to 50 Amps without failing. * **Glass Passivated Junction:** Ensures high reliability and stability over time and temperature variations. --- ### 4. Common Applications The ES2AB is designed for high-frequency rectification and freewheeling applications, including: 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification. 2. **Inverters:** For high-speed DC-to-AC conversion. 3. **DC-DC Converters:** Found in automotive and telecommunication equipment. 4. **Polarity Protection:** Protecting sensitive circuits against reverse battery connection. --- ### 5. Identification Example In a circuit schematic or bill of materials (BOM), the part is often represented as: ```text Component: Diode Type: Super Fast Recovery Package: SMB Part Number: ES2AB Manufacturer Example: Vishay, ON Semi, Diodes Inc. ```
    ✨ Follow-up Questions
    • ⤷What is the difference between ES2AB and ES2BB?
    • ⤷ How does reverse recovery time (trr) affect circuit efficiency?
    • ⤷ Can I use an ES2AB in a 220V AC rectification circuit?