データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ES3JB

  • AI
    ## Overview of the ES3JB Diode The **ES3JB** is a surface-mount, **Super Fast Recovery Rectifier** diode. It is commonly used in high-frequency power supplies, inverters, and freewheeling applications where high efficiency and low power loss are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Super Fast Recovery Diode | | **Package Type** | DO-214AB (SMC) | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 3.0 Amperes | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 600 Volts | | **Maximum Forward Voltage Drop ($V_F$)** | ~1.7 Volts | | **Reverse Recovery Time ($t_{rr}$)** | 35 Nanoseconds (ns) | | **Operating Temperature Range** | -55°C to +150°C | --- ### 2. Physical Characteristics and Packaging The ES3JB uses the **SMC (DO-214AB)** package. This is a larger surface-mount package compared to SMA or SMB, allowing it to handle higher currents and dissipate heat more effectively. * **Cathode Band:** A color band denotes the cathode side. * **Mounting:** Designed for automated placement on Printed Circuit Boards (PCBs). --- ### 3. Core Features * **Super Fast Switching:** With a recovery time of only 35ns, it minimizes switching losses, making it ideal for high-speed circuits. * **High Surge Capacity:** It can handle high instantaneous currents without failure. * **Glass Passivated Junction:** Enhances reliability and stability under high-temperature conditions. * **Low Reverse Leakage:** Reduces power waste when the diode is in the "off" state. --- ### 4. Common Applications Due to its high voltage rating (600V) and fast switching speed, it is frequently found in: 1. **Switching Mode Power Supplies (SMPS):** Used in the output rectification stage. 2. **DC-DC Converters:** Acts as a freewheeling diode to protect transistors. 3. **Inverters:** Essential for converting DC to AC at high frequencies. 4. **Polarity Protection:** Protects sensitive electronics from reverse battery connection in high-voltage systems. --- ### 5. Identification Logic (ES3JB) The naming convention usually follows this logic: * **ES:** Super Fast Recovery series. * **3:** Indicates the current rating (3 Amps). * **J:** Indicates the voltage rating (J = 600V). * **B:** Often refers to the SMC package type.
    ✨ Follow-up Questions
    • ⤷What are the main differences between ES3JB and the ES3AB variant?
    • ⤷ Can ES3JB be used in high-frequency PWM motor controllers?
    • ⤷ How does the forward voltage drop affect the thermal management of the SMC package?