データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ES40-R

  • AI
    The **ES40-R** typically refers to a high-performance **Brushless Electronic Speed Controller (ESC)** often used in RC vehicles, drones, or industrial robotics. Below is a breakdown of its electronic components and technical characteristics. --- ### 1. Core Technical Specifications The "40" in the name usually signifies a **40 Ampere** continuous current rating. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 2S - 6S LiPo (7.4V - 22.2V) | | **Continuous Current** | 40A | | **Peak/Burst Current** | 50A - 60A (10 seconds) | | **BEC Output** | 5V/3A or Switch Mode | | **Firmware Support** | BLHeli_S, BLHeli_32, or SimonK | | **Processor** | 32-bit ARM (Cortex) or 8-bit EFM8BB2 | --- ### 2. Key Electronic Components #### A. Microcontroller (MCU) The "brain" of the ESC. It processes the input PWM, DShot, or OneShot signals from the flight controller and determines the timing for the motor phases. Modern ES40-R units often use **STM32** or **Silabs** chips. #### B. MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) These are the most critical power components. * They act as high-speed switches to pulse power to the three motor wires. * **Thermal Management:** These parts generate the most heat and are usually covered by a thermal pad and an aluminum heatsink. #### C. Gate Drivers Small integrated circuits that sit between the MCU and the MOSFETs. They amplify the low-voltage signal from the MCU to a level high enough to fully open the MOSFET gates quickly. #### D. BEC (Battery Eliminator Circuit) Most ES40-R models include an internal voltage regulator. * **Function:** It steps down the main battery voltage (e.g., 22V) to a steady 5V or 6V. * **Purpose:** To power the receiver (RX) and servos without needing a separate battery. --- ### 3. Protection Circuitry To ensure longevity, the ES40-R includes several electronic safeguards: 1. **Low Voltage Cutoff (LVC):** Monitors battery voltage to prevent over-discharging LiPo cells. 2. **Thermal Protection:** Reduces power output if the internal temperature exceeds a safe threshold (usually 100°C+). 3. **Signal Loss Protection:** Shuts down the motor if the connection to the transmitter/controller is lost. --- ### 4. Wiring Interface ```cpp // Typical Pinout/Connection Logic [ Battery + ] ----> Red Thick Wire [ Battery - ] ----> Black Thick Wire [ Motor Phase A ] --> Output Wire 1 [ Motor Phase B ] --> Output Wire 2 [ Motor Phase C ] --> Output Wire 3 [ Signal/GND ] -----> 3-pin connector (PWM/DShot Input) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between BLHeli_S and BLHeli_32 firmware for this ESC?
    • ⤷ Does the ES40-R support telemetry for monitoring battery consumption?
    • ⤷ How do I calibrate the throttle range on an ES40-R controller?