ESD-R-12M-H
AI

## Detailed Overview of the ESD-R-12M-H
The **ESD-R-12M-H** is a specialized electronic component categorized as an **EMI Core** or **Ferrite Core**. It is manufactured by **KEMET** and belongs to the ESD-R series, designed to suppress electromagnetic interference (EMI) in electronic circuits.
### 1. Technical Specifications
The following table highlights the primary physical and electrical characteristics of the ESD-R-12M-H:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | KEMET |
| **Core Type** | Round Case (Solid) |
| **Material Type** | Manganese-Zinc (Mn-Zn) |
| **Inner Diameter (ID)** | 7.0 mm |
| **Outer Diameter (OD)** | 14.5 mm |
| **Thickness (H)** | 15.1 mm |
| **Frequency Range** | High frequency (AM band range) |
| **Operating Temp Range** | -25°C to +85°C |
---
### 2. Key Components and Construction
The "H" in the part number often signifies specific housing or material characteristics.
* **Ferrite Material:** Uses Mn-Zn (Manganese-Zinc). This material is chosen for its high permeability, making it highly effective at absorbing low to mid-range frequency noise.
* **Protective Case:** The "H" variant typically features a **Flame Retardant Nylon case (UL94 V-0)**. This case protects the brittle ferrite material from mechanical impact and provides insulation between the wire and the core.
* **Shape:** It is a solid toroid (ring) shape. Cables or wires are looped through the center to create an inductive filter.
---
### 3. Functional Applications
The ESD-R-12M-H is used to ensure **Electromagnetic Compatibility (EMC)**. Its primary roles include:
1. **Noise Absorption:** It converts high-frequency noise (EMI) into negligible amounts of heat, preventing it from traveling along the cable.
2. **Common Mode Choke:** When a power or data cable is passed through the core, it acts as a common-mode filter to reduce "noise" that affects both lines simultaneously.
3. **Target Markets:**
* Consumer electronics (TVs, Audio equipment).
* Industrial automation (Control signal lines).
* Power supply units (Smoothing output noise).
---
### 4. Installation Guidelines
To achieve maximum efficiency with this component, consider the following:
```markdown
- Ensure the cable fits snugly within the 7.0 mm inner diameter.
- For increased impedance, loop the wire through the core multiple times (N² rule).
- Place the core as close to the noise source (or the entry point of the device) as possible.
```
- ⤷
What is the difference between Mn-Zn and Ni-Zn ferrite materials?
- ⤷ How does the number of wire turns affect the impedance of the ESD-R-12M-H?
- ⤷ Are there specific mounting clips available for this core size?