データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ESD-R-25

  • AI
    ## ESD-R-25: EMI Core Analysis The **ESD-R-25** is a round, solid ferrite core designed to suppress electromagnetic interference (EMI) in electronic circuits. It is part of the **ESD-R series** manufactured by KEMET (formerly Tokin). ### 1. Key Technical Specifications The "25" in the part number typically refers to the outer diameter or a specific size classification within the series. | Feature | Specification (Typical) | | :--- | :--- | | **Material** | Manganese Zinc (MnZn) or Nickel Zinc (NiZn) | | **Shape** | Toroidal / Round (Solid) | | **Outer Diameter (OD)** | ~25.0 mm - 25.5 mm | | **Inner Diameter (ID)** | ~15.0 mm | | **Height (H)** | ~12.0 mm | | **Frequency Range** | High frequency (AM band to MHz range) | | **Operating Temp** | -25°C to +85°C | --- ### 2. Functional Purpose The primary role of the ESD-R-25 is to act as a **low-pass filter**. It allows low-frequency signals (like power) to pass while creating high impedance for high-frequency noise. * **Common Mode Noise Suppression:** It is most effective when both the "go" and "return" wires of a circuit are passed through the center of the core. * **Inductive Impedance:** At high frequencies, the core converts electromagnetic noise into a small amount of heat, effectively removing it from the line. --- ### 3. Application Use Cases Ferrite cores like the ESD-R-25 are found in various industrial and consumer electronics: 1. **Consumer Electronics:** Used on power cords for TVs, gaming consoles, and computers to prevent RF interference. 2. **Industrial Equipment:** Used inside control panels to protect sensitive sensors from motor noise. 3. **Medical Devices:** Ensures that high-frequency switching power supplies do not interfere with monitoring equipment. 4. **Data Lines:** Applied to flat cables or bundles of wires to maintain signal integrity. --- ### 4. Implementation Example To increase the effectiveness of the ESD-R-25, engineers often "loop" the wire through the core multiple times. ```python # Theoretical Impedance Calculation Concept def calculate_impedance(base_impedance, turns): # Impedance increases by the square of the number of turns return base_impedance * (turns ** 2) # Example: 1 turn = 50 Ohms, 2 turns = 200 Ohms print(f"Impedance with 2 turns: {calculate_impedance(50, 2)} Ohms") ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between MnZn and NiZn ferrite materials?
    • ⤷ How do I determine if I need a solid core or a split-sleeve (snap-on) core?
    • ⤷ What is the maximum current rating for an ESD-R-25 core?