データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ESD01811CDN

  • AI
    ## Overview of the ESD01811CDN The **ESD01811CDN** is a high-performance, ultra-low capacitance Transient Voltage Suppressor (TVS) diode. It is specifically designed to protect sensitive data lines from Electrostatic Discharge (ESD) and surge events. It is commonly utilized in high-speed communication interfaces where signal integrity is critical. --- ### 1. Key Technical Specifications | Parameter | Typical Value | Description | |:---|:---|:---| | **Working Voltage ($V_{RWM}$)** | 18V | Maximum continuous DC voltage the device can withstand without triggering. | | **Breakdown Voltage ($V_{BR}$)** | 19.5V (min) | The voltage at which the device begins to conduct to ground. | | **I/O Capacitance ($C_J$)** | 0.35 pF | Extremely low capacitance to prevent signal distortion in high-speed lines. | | **Peak Pulse Current ($I_{PP}$)** | ~2A - 4A | Maximum surge current the device can handle (8/20μs waveform). | | **ESD Protection** | ±15kV (Air), ±8kV (Contact) | Compliance with IEC 61000-4-2 standards. | | **Package Type** | DFN0603 (0201) | Ultra-small surface mount footprint. | --- ### 2. Functional Features * **Ultra-Low Capacitance:** With a capacitance typically below 0.5pF, it is suitable for applications like USB 3.0/3.1, HDMI 2.0, and DisplayPort, where high data rates are used. * **Bi-directional Protection:** It can handle voltage transients in both positive and negative directions, making it versatile for various circuit designs. * **Low Clamping Voltage:** It quickly "clamps" a high-voltage spike to a safe level, protecting the downstream Integrated Circuits (ICs). * **Compact Footprint:** The DFN0603 package is ideal for space-constrained mobile devices like smartphones and wearables. --- ### 3. Common Applications The ESD01811CDN is primarily found in the following environments: 1. **Antenna Protection:** Due to its low capacitance, it is excellent for protecting RF antennas (WiFi/Bluetooth) without degrading the signal. 2. **High-Speed Data Interfaces:** USB Type-C lines, Thunderbolt, and PCIe lanes. 3. **Consumer Electronics:** Smartwatches, tablets, and portable medical devices. 4. **NFC Interfaces:** Protecting Near Field Communication (NFC) circuits from static discharge during physical contact. --- ### 4. Typical Connection Diagram ```mermaid graph LR A[Signal Line] --- B{ESD01811CDN} B --- C[Ground] A --- D[Protected IC] ``` *When a high-voltage spike hits the Signal Line, the ESD01811CDN triggers and shunts the excess energy to Ground before it reaches the Protected IC.* ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 0.35pF capacitance for high-speed signals?
    • ⤷ How does the DFN0603 package compare to larger SOT packages in terms of thermal performance?
    • ⤷ Can this diode be used for power supply line protection instead of data lines?