データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ESS-2-SS

  • AI
    The **ESS-2-SS** is a specific electronic component, commonly recognized as a **Subminiature Slide Switch** manufactured by companies like E-Switch or similar industrial suppliers. These components are critical in low-power signal switching for consumer electronics and industrial controls. --- ## 1. Technical Specifications The "SS" in the model name typically stands for **Side Slide** or **Stainless Steel** housing, depending on the specific manufacturer series. Below are the common electrical parameters: | Parameter | Specification (Typical) | |:---|:---| | **Contact Rating** | 200mA @ 30VDC | | **Contact Form** | DPDT (Double Pole, Double Throw) | | **Switch Function** | ON-ON | | **Mounting Type** | Through-Hole (PCB) | | **Operating Temperature** | -20°C to +70°C | | **Travel (Actuator)** | 2.0mm | --- ## 2. Electronic Architecture The internal electronic structure of the ESS-2-SS involves a mechanical slider that bridges different sets of terminals. ### Terminal Configuration 1. **Common Pins:** The center pins that receive the input signal. 2. **Output Pins:** The outer pins that the signal is routed to based on the slider position. 3. **Double Pole (DP):** It contains two separate circuits controlled by a single physical actuator. This allows the switch to toggle two different signals simultaneously. ### Circuit Diagram Representation ```text Pos 1: [1]----[2] [4]----[5] (3 & 6 disconnected) Pos 2: [2]----[3] [5]----[6] (1 & 4 disconnected) ``` --- ## 3. Key Electronic Features * **Wiping Contact Mechanism:** The sliding action helps "wipe" away oxidation on the contacts, ensuring better electrical conductivity over time. * **Low Contact Resistance:** Usually rated below 20mΩ, minimizing voltage drops across the switch. * **High Insulation Resistance:** Rated at 100MΩ (min) at 500VDC to prevent leakage current between adjacent poles. * **Bifurcated Contacts:** Many versions use split contacts to provide redundancy and increase reliability in low-current logic circuits. --- ## 4. Common Applications * **Power Selection:** Switching between battery and DC-in power sources. * **Logic Toggling:** Changing modes in microcontrollers (e.g., setting a device to "Test Mode" vs "Normal Mode"). * **Audio Devices:** Channel selection or gain toggling in small amplifiers. * **Handheld Electronics:** On/Off switches for toys, remote controls, and medical instruments.
    ✨ Follow-up Questions
    • ⤷ What is the footprint layout for PCB soldering the ESS-2-SS?
    • ⤷ Can the ESS-2-SS be used for AC mains switching?
    • ⤷ What are the mechanical life cycle ratings for this switch?