データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ESS-4-SF

  • AI
    The **ESS-4-SF** is a high-performance **Electromagnetic Safety Switch** (often categorized under Safety Interlock Switches) manufactured by companies like *IDEM Safety*. It is designed to provide high-reliability monitoring for machine guard doors and gates. --- ### 1. Key Electronic Specifications The internal electronics are designed to operate within industrial control circuits, emphasizing low power consumption and high response speed. | Feature | Specification (Typical) | | :--- | :--- | | **Supply Voltage** | 24V DC (+/- 10%) | | **Power Consumption** | ~50mA to 100mA (during solenoid activation) | | **Switching Current** | Up to 2.0A (Safety Outputs) | | **Switching Technology** | Solid State (RFID or Magnetic Reed depending on sub-model) | | **Safety Classification** | PLe / Category 4 (ISO 13849-1) | | **Ingress Protection** | IP67 / IP69K (Fully encapsulated electronics) | --- ### 2. Internal Electronic Components The device is comprised of several critical electronic sub-systems: * **Sensing Element:** Uses non-contact magnetic or RFID (Radio Frequency Identification) technology to detect the presence of the actuator. This eliminates mechanical wear. * **Safety Output Contacts:** Generally features **2NC (Normally Closed)** safety outputs and **1NO (Normally Open)** auxiliary output for status signaling to a PLC. * **Dual-Channel Architecture:** The internal circuitry is redundant. If one electronic component fails, the second channel ensures the machine can still be brought to a safe state. * **Internal Resistors/Fuses:** Integrated protection against short circuits and over-voltage to prevent the switch from "welding" shut or failing dangerously. --- ### 3. Wiring and Connectivity The ESS-4-SF typically utilizes an **M12 8-Pole Quick Disconnect** or a pre-wired cable. #### Wiring Diagram Logic: 1. **Red/Blue:** 24V DC Power Supply. 2. **Black/White:** Safety Channel 1 (NC). 3. **Yellow/Green:** Safety Channel 2 (NC). 4. **Brown/Orange:** Auxiliary Signal (NO) for monitoring. --- ### 4. Functional Safety Features The "SF" in the series often refers to **Standard Force** or **Stainless Steel** housing, which protects the electronics from: * **Thermal Shock:** Electronics are potted in resin to survive high-pressure washdowns. * **EMC Interference:** Shielded circuitry to prevent "nuisance tripping" from nearby heavy machinery or VFDs (Variable Frequency Drives). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RFID and Magnetic versions of the ESS series?
    • ⤷ How do I wire the ESS-4-SF to a safety relay?
    • ⤷ What are the common causes of electronic failure in safety interlocks?