データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ESS-40-SS

  • AI
    The **ESS-40-SS** is a high-performance **Suction Cup (Bellows)** assembly typically manufactured by **Festo**. While it is a mechanical component used in vacuum technology, its "electronic" context refers to its role as the end-effector in automated electronic assembly lines and its integration with electronic vacuum sensors. --- ### 1. Technical Specifications The ESS-40-SS is designed for handling sensitive components, often found in the electronics manufacturing industry (e.g., handling PCB panels or screens). | Feature | Specification | | :--- | :--- | | **Suction Cup Diameter** | 40 mm | | **Connection Type** | M10 Threaded (Stainless Steel) | | **Bellows Material** | Silicone (SS designation) | | **Number of Convolutions** | 1.5 Bellows | | **Temperature Range** | -30°C to 180°C | | **Holding Force** | ~60 N (at -0.7 bar) | --- ### 2. Integration with Electronic Systems Although the cup itself is made of silicone and steel, it functions as part of a sophisticated mechatronic system. Its performance is dictated by several electronic parts: #### A. Vacuum Sensors and Switches To ensure the ESS-40-SS has successfully gripped a part, an electronic vacuum sensor (like the **Festo SDE5** or **SPAN**) is used. * **Function:** It converts the physical pressure level into an electrical signal (0-10V or 4-20mA). * **Logic:** If the vacuum level reaches a set threshold, the PLC (Programmable Logic Controller) confirms the "Part Present" status. #### B. Solenoid Control Valves The air supply to the suction cup is toggled via electronic solenoid valves. * **Pulse Width Modulation (PWM):** Some high-end systems use PWM to control the flow rate for delicate electronic components. * **Ejector Pulse:** An electronic signal triggers a short blast of air to release the part quickly, improving cycle times. #### C. ESD (Electrostatic Discharge) Considerations In electronics manufacturing, the "SS" (Silicone) variant must be evaluated for static. * **Standard Silicone:** Is an insulator and can build up static. * **Antistatic Variants:** If the ESS-40-SS is used for bare circuit boards, it is often paired with an ionizer or replaced with a conductive (antistatic) material version to prevent destroying integrated circuits via ESD. --- ### 3. Application in Electronics The ESS-40-SS is commonly found in the following electronic production stages: 1. **Pick-and-Place:** Moving heavy display panels or tablets. 2. **AOI (Automatic Optical Inspection):** Positioning devices under high-speed cameras. 3. **Packaging:** Placing finished electronic goods into retail boxes. --- ### 4. Component Structure ```mermaid graph TD A[Threaded Plug: Stainless Steel] --> B[Seal Ring] B --> C[Silicone Bellows 1.5] C --> D[Vacuum Interface] ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using the silicone (SS) version over Nitrile rubber (NBR)?
    • ⤷ Which vacuum sensors are compatible with the ESS-40-SS for PLC integration?
    • ⤷ How do you calculate the required vacuum flow for a 40mm suction cup?