データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ESS100

  • AI
    The **ESS100** (Energy Storage System 100kW/100kWh class) is a sophisticated power management solution designed to bridge the gap between energy generation and consumption. Its electronic architecture is divided into three primary functional layers: Power Conversion, Battery Management, and Control Systems. --- ## 1. Core Electronic Components The system relies on high-power semiconductors and microprocessors to manage energy flow efficiently. | Component | Function | Key Electronic Detail | | :--- | :--- | :--- | | **PCS (Power Conversion System)** | Bi-directional DC/AC conversion | Uses **IGBTs** (Insulated Gate Bipolar Transistors) for high-speed switching. | | **BMS (Battery Management System)** | Cell monitoring and protection | Utilizes **ASICs** to monitor voltage, current, and temperature at the cell level. | | **EMS (Energy Management System)** | System-level optimization | High-level controller (often **PLC** or industrial PC) running logic algorithms. | | **STS (Static Transfer Switch)** | Seamless grid transition | High-speed **Thyristors** that switch between grid-tied and off-grid modes. | --- ## 2. The Power Conversion System (PCS) The PCS is the "brain" of the energy flow. It consists of: * **DC/DC Converter:** Matches the fluctuating battery voltage to a stable internal DC bus voltage. * **DC/AC Inverter:** Converts DC power from batteries into 3-phase AC power (e.g., 400V/480V) for the grid or local loads. * **Filtering Circuits:** LCL filters are used to reduce Total Harmonic Distortion (THD) and provide clean sine-wave output. --- ## 3. Battery Management System (BMS) Architecture The electronics within the battery racks are organized in a hierarchy: 1. **Slave BMS (BMU):** Electronic boards attached directly to battery modules to balance individual cell voltages. 2. **Master BMS (BCU):** Collects data from all slaves, manages the high-voltage contactors (relays), and communicates via **CAN bus** or **RS485**. 3. **Protection Electronics:** Includes high-speed fuses and DC contactors that physically disconnect the circuit in case of an overcurrent or thermal event. --- ## 4. Communication & Interfaces Modern ESS100 units use standardized industrial protocols to ensure all electronic parts talk to each other: * **Modbus TCP/RTU:** The standard for communication between the PCS and the EMS. * **CANbus:** Typically used for high-speed communication between battery modules. * **IoT Gateway:** Many units include a cellular or Ethernet gateway for remote cloud monitoring and firmware updates. --- ## 5. Safety and Auxiliary Systems * **Fire Suppression Controller:** Electronic sensors for smoke and heat that trigger aerosol or gas extinguishers. * **HVAC Control:** Thermal management electronics (fans/liquid cooling pumps) that activate based on thermistor readings from the battery racks.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between a string inverter and a central inverter in an ESS100?
    • ⤷ How does the BMS handle passive vs. active cell balancing?
    • ⤷ What is the typical efficiency loss during the DC-to-AC conversion in this system?