データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ESS75-15

  • AI
    The **ESS75-15** is a specific model of an Enclosed Switching Power Supply, typically manufactured by brands like **Cosel** or similar industrial power component providers. The model name follows a standard nomenclature: **ESS** (Series), **75** (Wattage), and **15** (Output Voltage). --- ### ## 1. Core Technical Specifications The primary function of this electronic part is to convert AC mains voltage into a stabilized DC voltage for sensitive electronic equipment. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | AC 85V - 264V (Universal Input) | | **Output Voltage** | DC 15V | | **Output Current** | 5.0 Amps | | **Rated Power** | 75 Watts | | **Efficiency** | Typically 82% - 85% | | **Cooling Method** | Convection (No fan required) | --- ### ## 2. Key Electronic Components & Features The ESS75-15 is comprised of several critical internal stages that ensure safety and stability: * **EMI Filter:** Prevents electromagnetic interference from entering the power lines and vice versa. * **Inrush Current Limiter:** A thermistor or resistor circuit that prevents a massive surge of current when the device is first plugged in. * **PWM Controller:** The "brain" of the unit that regulates the switching frequency to maintain a steady 15V output regardless of load changes. * **Optoisolator:** Provides electrical isolation between the high-voltage AC side and the low-voltage DC output for user safety. * **Potentiometer (V.ADJ):** A small trimmer screw on the chassis that allows the user to fine-tune the output voltage (typically ±10%). --- ### ## 3. Protection Circuitry To protect the connected electronics, the ESS75-15 includes built-in safety mechanisms: 1. **Overcurrent Protection (OCP):** Automatically shuts down or limits current if the load exceeds 105% of the rated capacity. 2. **Overvoltage Protection (OVP):** Shuts down the unit if the internal feedback loop fails, preventing the output from spiking above 15V. 3. **Short Circuit Protection:** The power supply enters "hiccup mode" or shuts down safely if the output terminals are shorted. --- ### ## 4. Application Areas Because of its 15V output and 75W capacity, this part is commonly used in: * **Industrial Automation:** Powering PLCs and sensors. * **Telecommunications:** Supporting 15V networking equipment. * **Test & Measurement:** Providing stable power for laboratory instruments. * **LED Lighting:** Driving constant voltage LED strips.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ESS series and the LEP series in power supplies?
    • ⤷ How do I calculate the derating curve for an ESS75-15 at high temperatures?
    • ⤷ Can the 15V output be adjusted to 12V using the built-in potentiometer?