データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EV-RADAR-MMIC

  • AI
    The **EV-RADAR-MMIC** is an evaluation platform designed for high-frequency Monolithic Microwave Integrated Circuits (MMICs), specifically targeting automotive and industrial radar applications (typically in the 24GHz or 77GHz bands). These boards allow engineers to evaluate the performance of the radar chipset without designing a custom high-frequency PCB from scratch. --- ### 1. Core Electronic Components The architecture of an EV-RADAR-MMIC board generally consists of four functional blocks: | Component Category | Primary Function | Typical Parts/Features | |:---|:---|:---| | **Radar MMIC** | The "Brain" of the RF system. | Integrated VCO, Power Amplifier (PA), and Low Noise Amplifiers (LNA). | | **Antenna Array** | Radiates and receives signals. | Microstrip Patch Antennas etched directly onto the PCB (e.g., 1Tx/4Rx). | | **Power Management** | Provides stable voltage. | Low-Dropout Regulators (LDOs) to minimize phase noise. | | **Interface/Logic** | Data output and control. | SPI for configuration; LVDS or CSI-2 for high-speed raw ADC data. | --- ### 2. The RF Front-End Breakdown The heart of the board is the **MMIC (Monolithic Microwave Integrated Circuit)**. Here is how the internal electronics handle the signal: 1. **Voltage Controlled Oscillator (VCO):** Generates the high-frequency FMCW (Frequency Modulated Continuous Wave) chirp. 2. **Transmitter (TX) Path:** The signal is amplified by a Power Amplifier (PA) and sent to the patch antennas. 3. **Receiver (RX) Path:** The reflected signal is caught by the RX antennas, amplified by a Low Noise Amplifier (LNA), and fed into a **Mixer**. 4. **IF (Intermediate Frequency) Section:** The mixer combines the TX and RX signals to produce a "beat frequency" (IF signal), which is then digitized by an onboard ADC. --- ### 3. Key Technical Specifications When evaluating these boards, the following electronic parameters are critical: * **Frequency Range:** Usually **24.0 GHz to 24.25 GHz** (ISM band) or **76 GHz to 81 GHz** (Automotive band). * **Chirp Bandwidth:** Determines the range resolution (higher bandwidth = better detail). * **Phase Noise:** Lower phase noise allows for better detection of small objects near large ones. * **Power Consumption:** Crucial for integration into battery-operated industrial sensors. --- ### 4. Typical Connection Block Diagram ```mermaid graph LR A[Power Supply 5V/12V] --> B[LDO Regulators] B --> C[Radar MMIC] C --> D[Patch Antennas] C --> E[SPI/Control] C --> F[High-Speed Data Header] F --> G[External DSP/FPGA] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between 24GHz and 77GHz MMIC evaluation boards?
    • ⤷ Which software tools are typically used to process the raw data from an EV-RADAR-MMIC?
    • ⤷ How does the antenna design on the PCB affect the radar's field of view?