データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EVLSTDRIVEG611

  • AI
    The **EVLSTDRIVEG611** is a demonstration board designed to evaluate the **STDRIVEG600**, a high-speed half-bridge gate driver specifically optimized for GaN (Gallium Nitride) enhancement mode FETs. Below is a detailed breakdown of the electronic components and architecture of this board. --- ## 1. Core Integrated Circuit (IC) The heart of the board is the **STDRIVEG600**. | Feature | Specification | | :--- | :--- | | **Driver Type** | Half-bridge (High-side and Low-side) | | **Logic Supply (Vcc)** | Up to 20V | | **Gate Drive Voltage** | 5V or 6V (Optimized for GaN) | | **Current Capability** | 1.3A Sink / 1.3A Source | | **Propagation Delay** | 45 ns (Very low for high-frequency switching) | --- ## 2. Power Stage Components The board is designed to interface with high-performance power transistors. ### A. GaN FETs While the driver can control various power switches, the EVLSTDRIVEG611 is typically populated with **SGT65R65AL** GaN transistors (or similar 650V GaN FETs). * **Advantage:** GaN allows for higher switching frequencies (up to several MHz) and smaller form factors compared to traditional Silicon MOSFETs. ### B. Bootstrap Circuitry To drive the high-side N-channel FET, the board includes: * **Bootstrap Diode:** Integrated within the STDRIVEG600 IC to simplify layout. * **Bootstrap Capacitor:** External capacitor providing the charge needed to turn on the high-side gate. --- ## 3. Control and Protection Features The board includes several passive and active components to ensure stable operation: ### I/O Interfacing * **Logic Inputs:** Compatible with CMOS/TTL down to 3.3V. It includes Schmitt triggers for noise immunity. * **Interlocking:** Prevents both high-side and low-side switches from being ON at the same time (cross-conduction protection). ### Voltage Regulation * **LDO (Low Dropout Regulator):** Often used to provide a stable 5V/6V supply to the GaN gates, as GaN transistors are sensitive to over-voltage on the gate. ### Monitoring Points The board features dedicated test points for: 1. **PWM Inputs:** HIN and LIN signals. 2. **Vout:** The switching node (Half-bridge midpoint). 3. **Vcc/Vboot:** Supply rails. --- ## 4. Key Performance Specifications | Parameter | Value | | :--- | :--- | | **Max Bus Voltage** | 600V | | **dV/dt Immunity** | 100 V/ns (Prevents false triggering during fast switching) | | **Operating Temperature** | -40°C to 125°C | | **Package** | QFN 4x4 mm (Compact for high power density) | --- ## 5. Application Circuit Diagram (Functional Block) ```mermaid graph LR PWM_Controller -->|HIN/LIN| STDRIVEG600 STDRIVEG600 -->|High-Side Gate| GaN_Top STDRIVEG600 -->|Low-Side Gate| GaN_Bottom V_Bus(600V) --> GaN_Top GaN_Top --> Switching_Node GaN_Bottom --> Switching_Node Switching_Node --> Output_Load ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using GaN FETs over standard Silicon MOSFETs in this driver setup?
    • ⤷ How does the dV/dt immunity of 100 V/ns protect the STDRIVEG600 IC?
    • ⤷ Can the EVLSTDRIVEG611 be used for resonant topologies like LLC converters?