データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EX61422A-RVB

  • AI
    The **EX61422A-RVB** is a specialized evaluation board designed for testing and developing solutions based on the **EX61422** series of integrated circuits, typically associated with high-performance sensor interfaces or power management solutions from companies like Excelitas or Renesas (depending on the specific industry context). Below is a breakdown of the electronic components and architecture typically found on this type of module. --- ### 1. Core Component Specifications The heart of the board is the EX61422 integrated circuit. Its primary role involves signal conditioning and high-speed data processing. | Component Feature | Description | | :--- | :--- | | **Main IC** | EX61422 (Mixed-signal ASIC) | | **Input Channels** | Multi-channel sensor interface | | **Communication** | SPI / I2C Support for parameter tuning | | **Voltage Range** | Typically 3.3V to 5V logic levels | --- ### 2. Peripheral Electronic Parts The evaluation board populates several passive and active components to ensure the IC functions within its operational parameters: * **Voltage Regulators (LDOs):** These step down input power to a clean, stable voltage required by the sensitive analog circuitry inside the EX61422. * **Decoupling Capacitors:** Small ceramic capacitors (0.1uF to 10uF) placed near power pins to filter out high-frequency noise. * **Precision Resistors:** Used in the feedback loops and gain settings to ensure high accuracy in measurement. * **Crystal Oscillator:** Provides a stable clock source if the IC requires precise timing for data conversion. * **LED Indicators:** Visual cues for "Power Good" status or diagnostic error flags. --- ### 3. Interface and Connectivity The "RVB" suffix often indicates a specific board revision or a "Ready Voltage Board" configuration meant for rapid prototyping. #### Connector Types: ```markdown 1. Pin Headers (2.54mm): Used for easy connection to Logic Analyzers or Microcontrollers (Arduino/STM32). 2. Test Points: Dedicated pads for probing voltages with a Multimeter or Oscilloscope. 3. Input Terminals: Screw terminals or SMA connectors for high-fidelity sensor input. ``` --- ### 4. Functional Block Diagram Concepts 1. **Analog Front End (AFE):** Filters and amplifies the raw electronic signals. 2. **Analog-to-Digital Converter (ADC):** Converts the processed signal into a digital format. 3. **Digital Logic:** Manages the communication protocol (SPI/I2C) to send data to the host.
    ✨ Follow-up Questions
    • ⤷ What is the primary application for the EX61422 IC?
    • ⤷ Which communication protocol is recommended for interfacing with the EX61422A-RVB?
    • ⤷ What are the power supply requirements for this specific evaluation board?