データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EX77424-R11TR

  • AI
    The **EX77424-R11TR** is a high-performance, industrial-grade Managed Ethernet Switch manufactured by **EtherWAN**. It is designed specifically for harsh environments such as power substations, traffic control systems, and industrial automation. Below is a breakdown of its electronic components, specifications, and features. --- ### 1. Port Configuration & Hardware Interface The device is a modular-style switch that provides a mix of copper and fiber connectivity. | Feature | Specification | | :--- | :--- | | **Total Ports** | 28 Ports | | **10/100BASE-TX** | 24 Ports (RJ45) | | **Gigabit Combo Ports** | 4 Ports (10/100/1000BASE-T or SFP Slots) | | **Console Port** | RS-232 (RJ45 connector) for CLI management | | **Alarm Contact** | 1 Relay output (Type: 1A @ 24VDC) | --- ### 2. Internal Electronic Architecture The "R11" in the part number typically refers to the specific revision or mounting configuration (often Rackmount), and the "TR" signifies compliance with specific industrial standards. * **Switching Fabric:** The internal backplane provides high-speed non-blocking switching capability to handle full wire speed on all ports simultaneously. * **Buffer Memory:** Integrated packet buffer memory to prevent data loss during traffic bursts. * **Isolation Protection:** High-level ESD (Electrostatic Discharge) protection and Surge protection on all data lines to prevent damage from lightning or power spikes. * **Redundancy Circuitry:** Supports dual power inputs to ensure the device remains operational if one power source fails. --- ### 3. Technical Specifications The electronic design adheres to strict industrial ratings: * **Operating Voltage:** Typically 100-240VAC or 48VDC (Model dependent). * **Power Consumption:** Max 30W (Efficient passive cooling design). * **Operating Temperature:** -40°C to 75°C (-40°F to 167°F). * **Housing:** IP30 rated metal case for heat dissipation and EMI shielding. --- ### 4. Management & Firmware Features (Layer 2) The internal logic (CPU and Firmware) supports the following networking protocols: 1. **Redundancy:** Supports **Alpha-Ring** (recovery time < 15ms), STP, RSTP, and MSTP. 2. **Security:** 802.1x Port-based security, ACL (Access Control Lists), and MAC filtering. 3. **VLANs:** Port-based VLANs and IEEE 802.1Q Tagged VLANs. 4. **Quality of Service (QoS):** Priority queuing for time-sensitive data like VoIP or video. --- ### 5. Standards Compliance This specific part is often rated for: * **IEC 61850-3 / IEEE 1613:** Standards for Power Substations. * **NEMA TS2:** Standards for Traffic Control Equipment. * **CE/FCC/VCCI:** Electromagnetic compatibility certifications.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the EX77424-R11TR and its PoE equivalent models?
    • ⤷ How does the Alpha-Ring redundancy protocol function in this switch?
    • ⤷ What type of SFP modules are compatible with the 4 Gigabit combo ports?