データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EX77424-R3BC

  • AI
    The **EX77424-R3BC** is a high-performance, industrial-grade Managed Ethernet Switch manufactured by **EtherWAN**. This specific model is designed for harsh environments, such as power substations, traffic control systems, and industrial automation. --- ### 1. Key Technical Specifications The "R3BC" suffix typically denotes a specific hardware revision and power configuration. | Feature | Specification | |:---|:---| | **Port Configuration** | 24-port 10/100BASE-TX + 4-port Gigabit (SFP/RJ45 Combo) | | **Switching Type** | Layer 2+ Managed | | **Housing** | IP30 Metal Case | | **Mounting** | Rackmount (1U) | | **Operating Temp** | -40°C to 75°C (-40°F to 167°F) | | **Power Input** | Redundant DC Power Inputs (Internal Power Supply) | --- ### 2. Core Electronic Components & Architecture The internal architecture of the EX77424 series is built to ensure "zero-packet-loss" under electromagnetic interference (EMI). #### A. Networking Chipset (ASIC) The heart of the device is a high-bandwidth **Switching Fabric ASIC**. This chip handles: * **Non-blocking wire-speed switching**: Ensuring data moves at maximum physical speed across all ports simultaneously. * **MAC Address Table**: Typically supports up to 8K or 16K entries for device identification. #### B. Protection Circuitry Because this is an industrial device, the electronic board includes robust protection components: * **Surge Protection**: 6KV surge protection on copper ports. * **ESD Protection**: Protection against Electrostatic Discharge (often up to 8KV Contact/15KV Air). * **Isolation**: Signal transformers (Magnetics) isolate the internal logic from the physical RJ45 ports to prevent ground loops. #### C. Memory Components * **Flash Memory**: Stores the firmware (EtherWAN’s proprietary OS) and configuration files. * **RAM (DDR)**: Used for packet buffering and running the management interface (GUI/CLI). --- ### 3. Functional Capabilities The electronics are programmed to support advanced networking protocols required for industrial uptime: 1. **Redundancy Protocols**: * **Alpha-Ring**: EtherWAN’s proprietary recovery mechanism (<15ms recovery time). * **STP/RSTP/MSTP**: Standard spanning tree protocols for loop prevention. 2. **Management Interface**: Supports SNMP v1/v2/v3, Web UI, Telnet, and Console (CLI). 3. **VLAN & QoS**: Support for 802.1Q VLANs and Quality of Service (QoS) to prioritize critical industrial traffic (like PLC heartbeats) over standard data. --- ### 4. Hardware Standards Compliance The electronic design meets several critical certifications: * **NEMA TS2**: For traffic control equipment. * **IEC 61850-3 / IEEE 1613**: For power substation environments (high EMI resistance). * **UL 60950-1**: Safety standards for information technology equipment.
    ✨ Follow-up Questions
    • ⤷ What are the specific power input requirements for the R3BC variant?
    • ⤷ How does the Alpha-Ring technology compare to standard RSTP in industrial settings?
    • ⤷ What type of SFP modules are compatible with the 4 Gigabit combo ports?