データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EX77424-R4ST

  • AI
    The **EX77424-R4ST** is an industrial-grade managed Ethernet switch manufactured by EtherWAN. It is specifically designed for harsh environments, such as power substations, traffic control, and industrial automation. --- ### ## Technical Overview and Port Configuration The device is a "Hardened" Managed Switch that offers a combination of high-speed fiber connectivity and standard copper ports. | Feature | Specification | | :--- | :--- | | **Total Ports** | 28 Ports | | **Port Breakdown** | 24 x 10/100BASE-TX (RJ45) + 4 x 10/100/1000BASE-T/SFP Combo ports | | **Switching Capacity** | 12.8 Gbps | | **Operating Temp** | -40°C to 75°C (-40°F to 167°F) | | **Mounting** | 1U 19" Rack-mount | --- ### ### Key Electronic Components and Features #### 1. Power Supply Architecture * **Redundancy:** It typically supports redundant power inputs to ensure zero downtime. * **Voltage Range:** Designed to handle wide DC input ranges (e.g., 18-60VDC) or high-voltage AC/DC options depending on the specific sub-model. * **Protection:** Includes reverse polarity protection and overload current protection. #### 2. Networking Integrated Circuits (ICs) * **ASIC Controller:** Uses specialized Application-Specific Integrated Circuits for wire-speed switching, ensuring that data packets are processed at the hardware level with minimal latency. * **Management CPU:** Contains an embedded processor to handle the Layer 2 management suite (Web UI, SNMP, Telnet, and CLI). #### 3. Industrial Hardening (Circuit Protection) * **ESD Protection:** High-level Electrostatic Discharge protection on all ports. * **Surge Protection:** Built-in surge protection for power and data lines to prevent damage from lightning or inductive switching. * **Fanless Design:** The internal circuitry is optimized for thermal dissipation through the aluminum chassis, removing the need for fans (a common point of mechanical failure). #### 4. Physical Layer (PHY) & Memory * **SFP Slots:** The "4ST" designation refers to the combo ports which use SFP (Small Form-factor Pluggable) transceivers for long-distance optical communication. * **Buffer Memory:** Includes packet buffer memory to handle bursts of data traffic without dropping packets. --- ### ### Management Capabilities The electronic firmware supports several advanced protocols: * **Redundancy Protocols:** STP/RSTP/MSTP and EtherWAN’s proprietary **Alpha-Ring**, which provides a recovery time of less than 15ms. * **VLAN Support:** Port-based, Tag-based (802.1Q), and GVRP. * **Security:** MAC address filtering, port security, and 802.1x authentication. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power input options for the EX77424 series?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ What is the difference between Alpha-Ring and standard RSTP?