データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • EX87424-R21C

  • AI
    Based on the technical specifications for the **EX87424-R21C**, this device is an industrial-grade Managed Ethernet Switch, typically manufactured by companies like **EtherWAN**. It is designed for hardened environments such as outdoor cabinets or factory floors. --- ### 1. Hardware Interface & Port Configuration The part number indicates a specific port density and type designed for high-speed networking and fiber backhaul. | Component Type | Quantity | Description | | :--- | :--- | :--- | | **Gigabit Ports** | 24 | 10/100/1000BASE-TX RJ45 ports for local device connectivity. | | **SFP Slots** | 4 | 100/1000BASE SFP slots for fiber optic uplinks (Long distance). | | **Console Port** | 1 | RS-232 (RJ45 connector) for local management/CLI access. | --- ### 2. Core Electronic Characteristics The internal electronics are "hardened," meaning they use components rated for extreme stability and electrical noise immunity. * **Switching Capacity:** Usually features a high-performance ASIC capable of **56 Gbps** non-blocking switching fabric to handle full wirespeed on all ports simultaneously. * **Power Input:** Dual redundant DC power inputs (typically 12-48VDC). The circuitry includes reverse polarity protection and overcurrent protection. * **Thermal Design:** Fanless design using an aluminum extrusion chassis as a giant heat sink, allowing it to operate in temperatures from **-40°C to 75°C**. * **Alarm Relay:** Includes a physical relay output (dry contact) that triggers an electronic signal during power failure or port link-down events. --- ### 3. Integrated Circuitry & Protocols The electronic firmware and onboard memory (Flash and RAM) support the following L2+ management features: * **Redundancy Protocols:** Supports **Alpha-Ring**, RSTP, MSTP, and STP to ensure the network recovers in less than 15ms if a cable is cut. * **Filtering & Security:** Integrated MAC address filtering, IEEE 802.1x port-based security, and IGMP Snooping for multicast traffic management. * **Management:** Onboard microchip supports SNMP v1/v2c/v3, Web UI (HTTP/HTTPS), and Telnet/SSH. --- ### 4. Technical Summary Table | Feature | Specification | | :--- | :--- | | **Enclosure** | IP30 Aluminum Case | | **Mounting** | Rack Mount (1U) | | **Input Voltage** | 100 - 240VAC (Internal Power Supply) | | **Compliance** | CE, FCC, VCCI, EN 61000-6-2/4 | | **MTBF** | > 200,000 hours | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R21C and other sub-models in the EX87424 series?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ How do I configure the SFP ports for long-distance single-mode fiber?