データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F-BV-R

  • AI
    ## Electronic Components of F-BV-R Cables The term **F-BV-R** (often written as **BV-R**) refers to a specific type of industrial and domestic electrical wire used in low-voltage distribution systems. It is characterized by its flexible core and high-grade insulation. ### Technical Breakdown | Feature | Specification | Description | | :--- | :--- | :--- | | **F** | Flame Retardant | Indicates the cable has fire-resistant properties. | | **B** | Fixed Layout | Categorized as a wire used for fixed, permanent installations. | | **V** | PVC (Polyvinyl Chloride) | The type of insulation used for the outer sheath. | | **R** | Soft/Flexible Structure | Indicates the conductor consists of multiple fine copper strands. | --- ### Core Electronic Characteristics #### 1. The Conductor (Multi-strand Copper) Unlike the standard **BV** wire (which uses a single solid copper core), the **BV-R** uses twisted fine copper wires. * **Flexibility:** The "R" (flexible) design allows the cable to bend easily without breaking the internal metal. * **Conductivity:** Uses high-purity Oxygen-Free Copper (OFC) to minimize resistance and heat generation. #### 2. PVC Insulation Layer The "V" layer provides the primary electronic barrier. * **Voltage Rating:** Typically rated for **450/750V**. * **Dielectric Strength:** Protects against short circuits and allows the wire to be routed through metal conduits safely. #### 3. Flame Retardant Properties (F) The "F" prefix signifies that the PVC insulation is chemically treated to: * Extinguish itself once the external flame source is removed. * Prevent the fire from traveling along the length of the wire. --- ### Comparison: BV vs. BV-R | Property | BV (Single Core) | BV-R (Flexible) | | :--- | :--- | :--- | | **Flexibility** | Rigid / Hard | Highly Flexible | | **Installation** | Straight runs | Complex corners / Distribution boxes | | **Vibration Resistance** | Low | High | | **Durability** | Higher mechanical strength | Better for moving parts | --- ### Common Applications * **Internal Wiring:** Used inside distribution cabinets where space is tight and many bends are required. * **Home Appliances:** Internal connections for heavy-duty electronics. * **Automation:** Connecting sensors and actuators in industrial machinery.
    ✨ Follow-up Questions
    • ⤷ What are the standard cross-sectional area sizes for BV-R cables?
    • ⤷ How does the 'ZR' prefix differ from the 'F' prefix in cable naming?
    • ⤷ Can BV-R cables be used for outdoor underground installations?