データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F-C6-R

  • AI
    The **F-C6-R** typically refers to a high-performance **Category 6 (Cat6) RJ45 Shielded Field Termination Plug**. While it is a passive component rather than an active integrated circuit, its "electronic" profile is defined by its mechanical engineering and signal integrity properties. --- ## 1. Technical Specifications The F-C6-R is engineered to maintain high-speed data integrity in demanding environments. | Feature | Specification | | :--- | :--- | | **Category Rating** | Cat6 (Gigabit Ethernet) | | **Shielding Type** | STP (Shielded Twisted Pair) - Zinc Die-Cast | | **Frequency Range** | Up to 250 MHz | | **Wire Gauge Support** | 23 AWG to 26 AWG (Solid or Stranded) | | **Termination Type** | Tool-less Field Termination (IDC) | | **Contact Plating** | 50μ Gold Plating | --- ## 2. Key Electronic Components & Materials ### A. Zinc Die-Cast Housing (The Shield) The most prominent part of the F-C6-R is its metal body. * **Function:** It acts as a **Faraday Cage**, protecting the internal signals from Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). * **Grounding:** It provides 360-degree grounding continuity from the cable shield to the port. ### B. Insulation Displacement Contacts (IDC) Instead of soldering, the F-C6-R uses IDC terminals. * **Material:** Phosphor bronze with tin plating. * **Action:** When the wires are pressed into the slots, the contact "slices" the insulation to create a gas-tight connection with the copper conductor, preventing oxidation. ### C. Gold-Plated Mating Pins The front interface consists of 8 pins. * **Electronic Importance:** The 50-micron gold plating ensures low contact resistance and prevents corrosion over hundreds of insertion cycles. This is critical for **Power over Ethernet (PoE+)** applications where arcing can occur. --- ## 3. Signal Integrity Features The design of the F-C6-R focuses on reducing two major electronic issues: 1. **NEXT (Near-End Crosstalk):** The internal wire organizer keeps pairs twisted as close to the termination point as possible, minimizing signal "bleed" between pairs. 2. **Return Loss:** By maintaining the 100-ohm impedance through the connector, it minimizes signal reflections back to the source. --- ## 4. Typical Applications * **IP Security Cameras:** High-bandwidth video feeds in EMI-heavy areas. * **Industrial Ethernet:** Connecting machinery on factory floors. * **HDBaseT:** Extending 4K video signals over long distances.
    ✨ Follow-up Questions
    • ⤷ What is the difference between F-C6-R and standard RJ45 crimp connectors?
    • ⤷ Does the F-C6-R support PoE++ (802.3bt) standards?
    • ⤷ Which wire gauges are compatible with the IDC terminals in this plug?