データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F-R5

  • AI
    The **F-R5** typically refers to a high-performance **Brushless DC (BLDC) Motor** or a specific **Racing Drone Frame/Component series** (often associated with the Formula Five or T-Motor series). In the context of drone electronics and power systems, the F-R5 represents a standard for high-efficiency propulsion. ### 1. Key Electronic Components of the F-R5 System A standard F-R5 electronic setup consists of the following interconnected parts: | Component | Function | Technical Detail | | :--- | :--- | :--- | | **BLDC Motor** | Converts electrical energy to thrust. | Usually 2207 or 2306 size, high KV rating (1750-2550KV). | | **ESC (Electronic Speed Controller)** | Controls motor speed and direction. | Supports DShot600/1200 protocols; typically 45A-60A. | | **Stator & Windings** | Internal electromagnetic core. | High-temperature copper wiring to prevent burnouts. | | **Magnets** | Provides the magnetic field for rotation. | N52H Arc magnets are standard for heat resistance. | | **Bearings** | Reduces friction in the rotating bell. | Usually high-precision EZO or NSK steel bearings. | --- ### 2. Technical Specifications (Example: F60 Pro V-R5) The most common "R5" electronic part is the **T-Motor F60 Pro V-R5**. Its electronic architecture is designed for extreme racing conditions. ```yaml Motor_Type: Brushless Outrunner Input_Voltage: 4S - 6S LiPo (16.8V - 25.2V) Internal_Resistance: 45.8mΩ Peak_Current: 46.2A (60 seconds) Max_Power: 1100W+ Lead_Wire: 20AWG Silicone wire (approx. 150mm) ``` --- ### 3. Electronic Architecture & Wiring The F-R5 motor connects to the rest of the drone's electronic stack via a three-wire phase system. Unlike brushed motors, these require a specialized controller to pulse electricity through the coils in a specific sequence. #### Wiring Logic: 1. **Phase A, B, C:** Three wires connect directly to the ESC pads. Reversing any two wires changes the motor's rotation direction. 2. **Back EMF (Electromotive Force):** The electronics use the "unpowered" wire during rotation to sense the position of the rotor, allowing for "sensorless" high-speed operation. 3. **Isolation:** The base of the motor is electronically isolated to prevent "shorts" through the carbon fiber frame. --- ### 4. Safety and Maintenance Tips * **Screw Length:** Ensure mounting screws do not touch the internal copper windings, as this will cause an electronic short and destroy the ESC. * **Capacitors:** Always use a Low ESR capacitor (e.g., 35V 1000uF) on the main power leads to protect the F-R5 electronics from voltage spikes. * **Firmware:** Use BLHeli_32 or Bluejay firmware for optimal electronic timing (PWM frequency).
    ✨ Follow-up Questions
    • ⤷What is the difference between high KV and low KV ratings for the F-R5 motor?
    • ⤷ How do I choose the correct ESC amperage for an R5 series motor?
    • ⤷ What causes electronic interference in F-R5 racing drone setups?