データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • F17255BD-R

  • AI
    Based on technical specifications, the **F17255BD-R** refers to a high-performance **Brushless DC (BLDC) Cooling Fan**, typically manufactured by companies like Fulltech or similar industrial thermal solution providers. --- ## 1. Core Technical Specifications The "17255" in the part number indicates the physical dimensions: **172mm x 172mm x 55mm**. This is a large-format fan used for high-airflow requirements. | Parameter | Typical Value | | :--- | :--- | | **Input Voltage** | 24V DC / 48V DC (Varies by sub-model) | | **Bearing Type** | Dual Ball Bearing (Standard for "-R" series) | | **Housing Material** | Die-cast Aluminum (Magnesium Alloy) | | **Impeller Material** | Thermoplastic PBT (UL 94V-0 Rated) | | **Motor Type** | Brushless DC, Auto-Restart, Polarity Protected | --- ## 2. Key Electronic Components & Features ### A. The BLDC Driver IC The "heart" of the fan is an internal circuit board (PCB) featuring a **Brushless DC Motor Driver**. Unlike AC fans, this requires electronic commutation to switch the magnetic fields of the stator coils. * **Hall Effect Sensor:** Detects the position of the rotor magnets to time the current pulses. * **PWM Control:** Most "-R" suffixes indicate support for **Pulse Width Modulation**, allowing an external controller to adjust speed based on temperature. ### B. Protection Circuitry The F17255BD-R includes several integrated safety features: 1. **Locked Rotor Protection:** If the blades are obstructed, the internal IC cuts power to prevent the coils from overheating and burning out. 2. **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are accidentally swapped. 3. **Soft Start:** Gradually increases current during startup to reduce electronic stress on the power supply. ### C. The "-R" Suffix Meaning In industrial fan nomenclature, the **-R** often signifies a specific output signal: * **RD (Rotation Detector):** A signal that stays "Low" when the fan is spinning and goes "High" if it stops. * **FG (Frequency Generator):** A tachometer signal (square wave) that allows a system to monitor the exact RPM. --- ## 3. Applications Due to its high airflow (often exceeding 200-300 CFM) and rugged aluminum frame, this part is found in: * **Server Racks:** Cooling high-density blade servers. * **Inverters/UPS:** Managing heat in large power conversion units. * **Industrial Control Panels:** Cooling PLCs and motor drives in harsh environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the F17255BD-R wires?
    • ⤷ Can this fan be operated at a lower voltage to reduce noise?
    • ⤷ How does the 'Dual Ball Bearing' system impact the lifespan (MTBF) of this component?